Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98620 Datasheet (PDF) - Texas Instruments

LM98620 Datasheet PDF - Texas Instruments
Part # LM98620
Download  LM98620 Download
File Size   1113.95 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98620 10-Bit 70 MSPS 6 Channel Imaging Signal Processor with LVDS Output

LM98620 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM98620 Datasheet PDF - Texas Instruments

Part # LM98620
Download  LM98620 Click to download

File Size   1113.95 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98620 10-Bit 70 MSPS 6 Channel Imaging Signal Processor with LVDS Output

LM98620 Datasheet (HTML) - Texas Instruments


LM98620 Product details

1 Features
1• 3.3 V Single Supply Operation
• CDS or S/H Processing
• 35 MHz Channel Rate
• Enhanced ESD Protection on Timing, Control and
LVDS Pins
• Low Power CMOS Design
• 12 Terminal to 16 Terminal (Selectable) LVDS
Serialized Data Output
• 4-Wire Serial Interface
• 2 Channel Symmetrical Architecture
• Independent Gain and Offset Correction for Each
Channel
• Digital Black Level Calibration for Each Channel
• Digital White Level Calibration for Each Channel
• Programmable Input Clamp
• Key Specifications
– Maximum Input Level:
– 1.2 Vp-p (CDS Gain = 1.0)
– 0.58 Vp-p (CDS Gain = 2.1)
– Input Sample Rate:
– 5 to 35 MSPS - 6ch mode
– 10 to 35 MSPS - 3ch mode
– PGA Gain Range: 1x to 10x (0 to 20 dB)
– CDS/SH Gain Settings: 1x or 2.1x
– Total Channel Gain: 1x to 21x (0 to 26 dB)
– PGA Gain Resolution: 8 bits - Analog
– ADC Resolution: 10 bits
– ADC Sampling Rate: 10 to 70 MSPS
– SNR: 68.5 dB (Gain = 1x)
– Offset DAC Range:
– ±111 mV or ±59.5 mV - FDAC
– ±281 mV - CDAC
– Offset DAC Resolution:
– ±10 bits - FDAC
– ±4 bits - CDAC
– Supply Voltage: 3.0 V to 3.6 V
– Power Dissipation: 1.02 W (typical)

2 Applications
• High Performance Digital Color Copiers
• Scanners
• Other Image Processing Applications

3 Description
The LM98620 is a fully integrated, 10-Bit, 70 MSPS
signal processing solution for high performance digital color copiers, scanners, and other image processing
applications. High-speed signal throughput is
achieved with an innovative six channel architecture
utilizing Correlated Double Sampling (CDS), or
Sample and Hold (SH) type sampling. Gain settings of 1x or 2x are available in the CDS/SH input stage.
Each channel has a dedicated 1x to 10x (8 bit) PGA
that allows accurate gain adjustment. The Digital
White Level auto calibration loop can automatically
set the PGA value to achieve a selected white target level. Each channel also has a ±4 bit coarse and ±10-
bit fine analog offset correction DAC that allows offset
correction before the sample-and-hold amplifier.
These correction values can be controlled by an automated Digital Black Level correction loop. The
PGA and offset DACs for each channel are
programmed independently allowing unique values of
gain and offset for each of the six channels. A 2-to-1
multiplexing scheme routes the signals to three 70
MHz high performance ADCs. The fully differential
processing channels achieve exceptional noise
immunity, having a very low noise floor of –68.5dB.
The 10-bit analog-to-digital converters have excellent dynamic performance, making the LM98620
transparent in the image reproduction chain.




Similar Part No. - LM98620

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Texas Instruments
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620VHB IRF-LM98620VHB Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Texas Instruments
LM98620VHB/NOPB TI1-LM98620VHB/NOPB Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
More results


Similar Description - LM98620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
10-Bit, 27 MSPS Camera Signal Processor
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
National Semiconductor ...
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com