Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6554 Datasheet (PDF) - Texas Instruments

LMH6554 Datasheet PDF - Texas Instruments
Part # LMH6554
Download  LMH6554 Download
File Size   1214.64 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier

LMH6554 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6554 Datasheet PDF - Texas Instruments

Part # LMH6554
Download  LMH6554 Click to download

File Size   1214.64 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier

LMH6554 Datasheet (HTML) - Texas Instruments


LMH6554 Product details

1 Features
1• Small-Signal Bandwidth 2.8 GHz
• 2 V PP Large-Signal Bandwidth 1.8 GHz
• 0.1 dB Gain Flatness 830 MHz high•
OIP3 at 150 MHz 46.5 dBm
• HD2/HD3 at 75 MHz –96 / –97 dBc
• Input Noise Voltage 0.9 nV/√Hz
• Input Noise Current 11 pA/√Hz
• Slew Rate 6200 V/μs
• Power 260 mW
• Typical Supply Current 52 mA
• 14-Lead UQFN Package

2 Applications
• Differential ADC Driver
• Single-Ended to Differential Converter
• High-Speed Differential Signaling
• IF/RF and Baseband Gain Blocks
• SAW Filter Buffer/Driver
• Oscilloscope Probes
• Automotive Safety Applications
• Video Over Twisted Pair
• Differential Line Driver

3 Description
The LMH6554 device is a high-performance fully
differential amplifier designed to provide the
exceptional signal fidelity and wide large-signal
bandwidth necessary for driving 8- to 16-bit high•
speed data acquisition systems. Using TI’s
proprietary differential current mode input stage architecture, the LMH6554 has unity gain, small-
signal bandwidth of 2.8 GHz and allows operation at
gains greater than unity without sacrificing response
flatness, bandwidth, harmonic distortion, or output
noise performance.
The low-impedance differential output of the device is
designed to drive ADC inputs and any intermediate
filter stage. The LMH6554 delivers 16-bit linearity up
to 75 MHz when driving 2-V peak-to-peak into loads
as low as 200 Ω.
The LMH6554 is fabricated in TI's advanced
complementary BiCMOS process and is available in a
space-saving 14-lead UQFN package for higher
performance.




Similar Part No. - LMH6554

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554LE NSC-LMH6554LE Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554LE TI1-LMH6554LE Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
More results


Similar Description - LMH6554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
2.8-W Stereo Fully Differential Audio Power Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
1.5 GHz Fully Differential Amplifier
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com