Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0103 Datasheet (PDF) - Tyco Electronics

MAAPSS0103 Datasheet PDF - Tyco Electronics
Part # MAAPSS0103
Download  MAAPSS0103 Download
File Size   199.57 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 2.3 - 2.8 GHz

MAAPSS0103 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0103 Datasheet PDF - Tyco Electronics

Part # MAAPSS0103
Download  MAAPSS0103 Click to download

File Size   199.57 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 2.3 - 2.8 GHz

MAAPSS0103 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAPSS0103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0104SMB MACOM-MAAPSS0104SMB Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0104TR-3000 MACOM-MAAPSS0104TR-3000 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MAAPSS0107SMB MACOM-MAAPSS0107SMB Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
More results


Similar Description - MAAPSS0103

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
RF Micro Devices
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com