Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0104SMB Datasheet (PDF) - Tyco Electronics

MAAPSS0104SMB Datasheet PDF - Tyco Electronics
Part # MAAPSS0104SMB
Download  MAAPSS0104SMB Download
File Size   137.15 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 3.3 - 3.8 GHz

MAAPSS0104SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0104SMB Datasheet PDF - Tyco Electronics

Part # MAAPSS0104SMB
Download  MAAPSS0104SMB Click to download

File Size   137.15 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 3.3 - 3.8 GHz

MAAPSS0104SMB Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAPSS0104SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103SMB MACOM-MAAPSS0103SMB Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-1000 MACOM-MAAPSS0103TR-1000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-3000 MACOM-MAAPSS0103TR-3000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
More results


Similar Description - MAAPSS0104SMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
3.3-3.8 GHz Bi-Directional Power Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
(3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com