Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0104SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0104SMB
Description  High Power Linear Amplifier 3.3 - 3.8 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0104SMB Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0104SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0104SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0104SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0104SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0104SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Power Linear Amplifier
3.3 – 3.8 GHz
MAAPSS0104
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Ideal for WiMax, MESH Network, and Linear
Applications
• P1dB: +32 dBm Typical
• Small Signal Gain: 32 dB Typical
• EVM: 2.5% at 26 dBm Linear (OFDM) P
OUT
• Integrated Detector
• Lead-Free 4 mm 16 lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAPSS0104 RF power amplifier is a
three stage GaAs MMIC which exhibits high gain
and linearity performance in a lead-free 4 mm 16-
lead PQFN surface mount plastic package.
This
product is designed for the 3.5 GHz IEEE 802.16 /
WiMax band. The MAAPSS0104 also features an
integrated power detector.
The MAAPSS0104 is fabricated using a high
reliability GaAs HBT process to realize low current
and high power functionality. The process features
full passivation for increased performance and
reliability.
Ordering Information
1
Part Number
Package
MAAPSS0104TR-3000
3000 piece reel
MAAPSS0104SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
VCS
Bias Supply Voltage
2
N/C
No Connect
3
RFIN
RF Input
4
N/C
No Connect
5
VEN1
Power Enable
6
VEN2
Power Enable
7
VEN3
Power Enable
8
DETOUT
Detector Output
9
DETIN
Detector Input
10
RFOUT/VCC3
RF Output, 3rd Stage Supply
11
RFOUT/VCC3
RF Output, 3rd Stage Supply
12
N/C
No Connect
13
N/C
No Connect
14
VCC2
2nd Stage Supply
15
N/C
No Connect
16
VCC1
1st Stage Supply
17
Paddle
2
RF & DC Ground
Block Diagram


Similar Part No. - MAAPSS0104SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103SMB MACOM-MAAPSS0103SMB Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-1000 MACOM-MAAPSS0103TR-1000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-3000 MACOM-MAAPSS0103TR-3000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
More results

Similar Description - MAAPSS0104SMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
3.3-3.8 GHz Bi-Directional Power Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
(3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com