Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0103 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0103
Description  High Power Linear Amplifier 2.3 - 2.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0103 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0103 Datasheet HTML 1Page - Tyco Electronics MAAPSS0103 Datasheet HTML 2Page - Tyco Electronics MAAPSS0103 Datasheet HTML 3Page - Tyco Electronics MAAPSS0103 Datasheet HTML 4Page - Tyco Electronics MAAPSS0103 Datasheet HTML 5Page - Tyco Electronics MAAPSS0103 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
High Power Linear Amplifier
2.3 – 2.8 GHz
MAAPSS0103
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
Application Schematic
Sample Board
6
External Parts List
6. PCB Material FR4 - 50 Ω Line = 0.37 mm (W)
Component
Value
Case Size Manufacturer
C1, C5, C6, C10,
C17
1000 pF
0402
Murata
C2
1.8 pF
0402
Murata
C3, C8, C13,
C14, C15
0.1 µF
0402
Murata
C4, C7, C9
8 pF
0402
Murata
C11
2 pF
0402
Murata
C12
2.2 pF
0402
Murata
C16
3.3 µF
1206
Kemet
L1
3.6 nH
0402
Coilcraft
L2
15 nH
0402
Coilcraft
R1,R2,R3
0 Ω
—
—
R4
100 kΩ
—
—
TL1
5.5 mm (L),
0.37 mm (W)
—
—
TL2, TL3
4 mm (L), 0.37
mm (W)
—
—
TL4
1.7 mm (L),
0.37 mm (W)
—
—
TL5
0.3 mm (L),
0.37 mm (W)
—
—
RF
IN
RF
OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com