Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0103 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0103
Description  High Power Linear Amplifier 2.3 - 2.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0103 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0103 Datasheet HTML 1Page - Tyco Electronics MAAPSS0103 Datasheet HTML 2Page - Tyco Electronics MAAPSS0103 Datasheet HTML 3Page - Tyco Electronics MAAPSS0103 Datasheet HTML 4Page - Tyco Electronics MAAPSS0103 Datasheet HTML 5Page - Tyco Electronics MAAPSS0103 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Power Linear Amplifier
2.3 – 2.8 GHz
MAAPSS0103
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = +25 °C, VCC = 5.0 V, Z0 = 50 Ω
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+6.0 Volts
Operating Control Voltage
+3.6 Volts
Operating Temperature
-40°C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
2.5 GHz
dB
31
34
—
Gain Flatness
2.3 - 2.8 GHz
dB
—
± 1
—
Input Return Loss
2.3 - 2.8 GHz
dB
—
10
—
Output Return Loss
2.3 - 2.8 GHz
dB
—
10
—
Output P1dB
2.5 GHz
dBm
—
32
—
EVM3
2.5 GHz, POUT = 26 dBm
OFDM, QAM-64, 54 Mbps
%
—
2.5
—
Enable Voltage
VEN
V
—
2.8
—
Device / Supply Voltage
2.3 - 2.8 GHz
V
—
5
—
Quiescent Current
Operating Current
2.5 GHz, No RF
2.5 GHz, POUT = 26 dBm
mA
mA
—
—
250
600
—
700
PAE
2.5 GHz, POUT = 26 dBm
%
—
14
—
Thermal Resistance
@ 85°C package paddle temperature
°C/W
—
25
—
Detector Output Range
2.5 GHz, POUT = 14 - 28 dBm, OFDM
V
—
0.5 - 2.0
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
3. Includes system EVM of 0.8%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com