Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0103 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0103
Description  High Power Linear Amplifier 2.3 - 2.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0103 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0103 Datasheet HTML 1Page - Tyco Electronics MAAPSS0103 Datasheet HTML 2Page - Tyco Electronics MAAPSS0103 Datasheet HTML 3Page - Tyco Electronics MAAPSS0103 Datasheet HTML 4Page - Tyco Electronics MAAPSS0103 Datasheet HTML 5Page - Tyco Electronics MAAPSS0103 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Power Linear Amplifier
2.3 – 2.8 GHz
MAAPSS0103
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Ideal for WiMax, MESH Network, and Linear
Applications
• P1dB: +32 dBm Typical
• Small Signal Gain: 34 dB Typical
• EVM: 2.5% at 26 dBm Linear (OFDM) POUT
• Integrated Detector
• Lead-Free 4 mm 16 lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAPSS0103 RF power amplifier is a
three stage GaAs MMIC which exhibits high gain
and linearity performance in a lead-free 4 mm 16-
lead PQFN surface mount plastic package. This
product is designed for the 2.5 GHz IEEE 802.16 /
WiMax band. The MAAPSS0103 also features an
integrated power detector.
The MAAPSS0103 is fabricated using a high
reliability GaAs HBT process to realize low current
and high power functionality. The process features
full passivation for increased performance and
reliability.
Ordering Information
1
Part Number
Package
MAAPSS0103TR-3000
3000 piece reel
MAAPSS0103SMB
Sample Test Board
(Includes 5 Samples)
MAAPSS0103TR-1000
1000 piece reel
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
VCS
Bias Supply Voltage
2
N/C
No Connect
3
RFIN
RF Input
4
N/C
No Connect
5
VEN1
Power Enable
6
VEN2
Power Enable
7
VEN3
Power Enable
8
DETOUT
Detector Output
9
DETIN
Detector Input
10
RFOUT/VCC3
RF Output, 3rd Stage Supply
11
RFOUT/VCC3
RF Output, 3rd Stage Supply
12
N/C
No Connect
13
N/C
No Connect
14
VCC2
2nd Stage Supply
15
N/C
No Connect
16
VCC1
1st Stage Supply
17
Paddle2
RF & DC Ground
Block Diagram


Similar Part No. - MAAPSS0103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0104SMB MACOM-MAAPSS0104SMB Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0104TR-3000 MACOM-MAAPSS0104TR-3000 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MAAPSS0107SMB MACOM-MAAPSS0107SMB Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
More results

Similar Description - MAAPSS0103

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
RF Micro Devices
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com