Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH730216 Datasheet (PDF) - Texas Instruments

LMH730216 Datasheet PDF - Texas Instruments
Part # LMH730216
Download  LMH730216 Download
File Size   1163.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp

LMH730216 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH730216 Datasheet PDF - Texas Instruments

Part # LMH730216
Download  LMH730216 Click to download

File Size   1163.81 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp

LMH730216 Datasheet (HTML) - Texas Instruments


LMH730216 Product details

1 Features
1VS = ±5 V, TA = 25°C, AV = 2V/V, RL = 100 Ω,
VOUT = 2 VPP, Typical Unless Noted:
• 2nd and 3rd Harmonics (5 MHz, SOT-23) −100/−96
dBc
• −3-dB Bandwidth (VOUT = 0.5 VPP) 1.7 GHz
• Low Noise 1.83 nV/√Hz
• Fast Settling to 0.1% 13.4 ns
• Fast Slew Rate 3100 V/μs
• Supply Current 12.5 mA
• Output Current 80 mA
• Low Intermodulation Distortion (75 MHz) −67 dBc
• Improved Replacement for CLC409 and CLC449

2 Applications
• Flash A-D Driver
• D-A Transimpedance Buffer
• Wide Dynamic Range IF Amp
• Radar and Communication Receivers
• Line Driver
• High Resolution Video

3 Description
The LMH6702 is a very wideband, DC-coupled
monolithic operational amplifier designed specifically
for wide dynamic range systems requiring exceptional
signal fidelity. Benefitting from current feedback
architecture, the LMH6702 offers unity gain stability at
exceptional speed without need for external
compensation.
With its 720-MHz bandwidth (AV = 2 V/V, VO = 2 VPP),
10-bit distortion levels through 60-MHz (RL = 100 Ω),
1.83-nV/√Hz input referred noise and 12.5-mA supply
current, the LMH6702 is the ideal driver or buffer for
high-speed flash A-D and D-A converters.
Wide dynamic range systems such as radar and
communication receivers that require a wideband
amplifier offering exceptional signal purity will find the
low input referred noise and low harmonic and
intermodulation distortion of the LMH6702 an
attractive high speed solution.
The LMH6702 is constructed using VIP10™
complimentary bipolar process and proven current
feedback architecture. The LMH6702 is available in
SOIC and SOT-23 packages.




Similar Part No. - LMH730216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH730216 TI2-LMH730216 Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
LMH730216 TI2-LMH730216 Datasheet
1Mb / 36P
LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
REVISED AUGUST 2014
LMH730216 TI2-LMH730216 Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
More results


Similar Description - LMH730216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
1.7-GHz Ultra-Low Distortion Wideband Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com