Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH730216 Datasheet (PDF) - Texas Instruments

LMH730216 Datasheet PDF - Texas Instruments
Part # LMH730216
Download  LMH730216 Download
File Size   1152.63 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers

LMH730216 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH730216 Datasheet PDF - Texas Instruments

Part # LMH730216
Download  LMH730216 Click to download

File Size   1152.63 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers

LMH730216 Datasheet (HTML) - Texas Instruments


LMH730216 Product details

1 Features
1• (VS = ±5 V, TJ = 25 °C, Typical Values Unless
Specified)
• Voltage Feedback Architecture
• Unity Gain Bandwidth 250 MHz
• Supply Voltage Range ±2.5V to ±6V
• Slew Rate 200 V/μsec
• Supply Current 4.5 mA/channel
• Input Common Mode Voltage −5.15V to +3.7V
• Output Voltage Swing (R L = 100 Ω) −3.6V to 3.4V
• Input Voltage Noise 4.5 nV/√Hz
• Input Current Noise 1.7 pA/√Hz
• Settling Time to 0.01% 25 ns

2 Applications
• ADC Drivers
• Consumer Video
• Active Filters
• Pulse Delay Circuits
• xDSL Receiver
• Pre-amps

3 Description
The LMH6654 and LMH6655 single and dual high
speed voltage feedback amplifiers are designed to
have unity-gain stable operation with a bandwidth of
250 MHz. They operate from ±2.5 V to ±6 V and each
channel consumes only 4.5 mA. The amplifiers
feature very low voltage noise and wide output swing
to maximize signal-to-noise ratio, and possess a true single supply capability with input common mode
voltage range extending 150 mV below negative rail
and within 1.3 V of the positive rail. The high speed
and low power combination of the LMH6654 and
LMH6655 make these products an ideal choice for
many portable, high speed applications where power
is at a premium.
The LMH6654 and LMH6655 are built on TI’s
Advance VIP10™ (Vertically Integrated PNP)
complementary bipolar process.
The LMH6654 is packaged in 5-Pin SOT-23 and 8-
Pin SOIC. The LMH6655 is packaged in 8-Pin
VSSOP (DGK) and 8-Pin SOIC.




Similar Part No. - LMH730216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH730216 TI2-LMH730216 Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
LMH730216 TI2-LMH730216 Datasheet
1Mb / 29P
LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
REVISED MAY 2016
LMH730216 TI2-LMH730216 Datasheet
1Mb / 29P
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
JUNE 2017
More results


Similar Description - LMH730216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
logo
Texas Instruments
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMH6654 TI1-LMH6654 Datasheet
1Mb / 31P
LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com