Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR70503 Datasheet (PDF) - Texas Instruments

LMR70503 Datasheet PDF - Texas Instruments
Part # LMR70503
Download  LMR70503 Download
File Size   1205.29 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR70503 SIMPLE SWITCHER® Buck-Boost Converter For Negative Output Voltage in μSMD

LMR70503 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR70503 Datasheet PDF - Texas Instruments

Part # LMR70503
Download  LMR70503 Click to download

File Size   1205.29 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR70503 SIMPLE SWITCHER® Buck-Boost Converter For Negative Output Voltage in μSMD

LMR70503 Datasheet (HTML) - Texas Instruments


LMR70503 Product details

1FEATURES
23• Tiny 8-Bump Thin DSBGA Package: 0.84 mm ×
1.615 mm × 0.6 mm
• 2.8 V to 5.5 V Input Voltage Range
• Adjustable Output Voltage: -0.9 V to -5.5 V
• 320 mA Switch Current Limit
• 500 kHz Minimum Switching Frequency
• Ground Referred Enable Input
• Under Voltage Lock Out (UVLO)
• No External Compensation
• Internal Soft Start
• 1 μA Shutdown Supply Current
• Small Output Voltage Ripple
• WEBENCH® Enabled

APPLICATIONS
• General Purpose Negative Voltage Supply
• Negative Rail / Bias Supply For Op-amp And
Data Converters
• LCD Biasing

PERFORMANCE BENEFITS
• Easy To Use
• Tiny Overall Solution Size Reduces System
Cost

DESCRIPTION
The LMR70503 is a buck-boost converter with
adjustable negative output voltage in a tiny 8-bump
thin DSBGA package. Its unique control method is
designed to provide fast transient response, low
output noise, high efficiency, and tight regulation in
the smallest possible PCB area. The LMR70503 has
built in soft start, peak current limit, minimum
switching frequency, and Under Voltage Lock Out
(UVLO), with no external compensation required. For
ease of use, the Enable pin is referred to the IC
ground, instead of the lowest potential of the IC: the
negative output voltage.




Similar Part No. - LMR70503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR70503 TI1-LMR70503 Datasheet
2Mb / 19P
SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
LMR70503 TI-LMR70503 Datasheet
1Mb / 24P
SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
LMR70503TM/NOPB TI-LMR70503TM/NOPB Datasheet
1Mb / 24P
SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
LMR70503TMNOPB TI1-LMR70503TMNOPB Datasheet
2Mb / 19P
SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
LMR70503TMX/NOPB TI-LMR70503TMX/NOPB Datasheet
1Mb / 24P
SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
More results


Similar Description - LMR70503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
SIMPLE SWITCHER 1.35A Boost Regulator
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMR70503 TI1-LMR70503 Datasheet
2Mb / 19P
SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
STMicroelectronics
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
logo
Texas Instruments
LMR70503 TI-LMR70503_15 Datasheet
1Mb / 24P
SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
Synchronous Simple Switcher Buck Regulator
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
logo
STMicroelectronics
STEVAL-ILL079V1 STMICROELECTRONICS-STEVAL-ILL079V1 Datasheet
235Kb / 4P
Negative buck-boost topology
04-Mar-2016
logo
Analog Devices
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com