Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03014 Datasheet (PDF) - Premier Farnell Limited.

D03014 Datasheet PDF - Premier Farnell Limited.
Part # D03014
Download  D03014 Download
File Size   132.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 6-50mm Hex Crimp Tool

D03014 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03014 Datasheet PDF - Premier Farnell Limited.

Part # D03014
Download  D03014 Click to download

File Size   132.58 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 6-50mm Hex Crimp Tool

D03014 Datasheet (HTML) - Premier Farnell Limited.


D03014 Product details

Description:
Heavy-duty hexagonal crimping tool to accommodate the crimping of copper lugs in
the range 6-50mm². The tool is able to accommodate a wide range of sizes due to two
rotating rings within the head; these rings are clearly marked with the respective size
and lock into position.

Features:
• Steel frame and tubular handles with PVC grips




Similar Part No. - D03014

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03010 DURATOOL-D03010 Datasheet
164Kb / 1P
Hex Crimp Ratchet Tool
27/08/14 V1.0
D03011 DURATOOL-D03011 Datasheet
152Kb / 1P
9” Hex Crimp Tool
27/08/14 V1.0
D03012 DURATOOL-D03012 Datasheet
166Kb / 1P
Large Non-Insulated Terminal Crimper
27/08/14 V1.0
D03013 DURATOOL-D03013 Datasheet
138Kb / 1P
6-120mm Hex Crimp Tool
28/08/14 V1.0
D03017 DURATOOL-D03017 Datasheet
154Kb / 1P
3-In-1 Crimpping Tool
28/08/14 V1.0
More results


Similar Description - D03014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6300 MOLEX11-63811-6300 Datasheet
39Kb / 1P
Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
Hand Crimp Tool
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
Hand Crimp Tool
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
HARTING Technology Grou...
09-99-000-0977 HARTING-09-99-000-0977 Datasheet
435Kb / 1P
Removal Tool Han K6/6 Crimp
2021-10-01
logo
Molex Electronics Ltd.
734154550 MOLEX-734154550 Datasheet
56Kb / 1P
PRECISION HEX CRIMP TOOL W/INTERCHIN DIE SETS
2004/10/06
1731121732 MOLEX-1731121732 Datasheet
26Kb / 1P
FCT Hand Crimp Tool, Hex Die, Open Frame
09/06/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com