Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03017 Datasheet (PDF) - Premier Farnell Limited.

D03017 Datasheet PDF - Premier Farnell Limited.
Part # D03017
Download  D03017 Download
File Size   154.16 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 3-In-1 Crimpping Tool

D03017 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03017 Datasheet PDF - Premier Farnell Limited.

Part # D03017
Download  D03017 Click to download

File Size   154.16 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 3-In-1 Crimpping Tool

D03017 Datasheet (HTML) - Premier Farnell Limited.


D03017 Product details

Features:
• Can crimp RG59 and RG6-F, BNC and RCA (Phono) waterproof connectors
• Works on Augat/T & B Snap-N-Seal™, Paladin SealTite and AIM CATV waterproof connectors
• Adjustable crimp length (0-10mm gauge built-in, in 1mm graduations)
• Made from hardened middle carbon steel with black oxide finish
• PP handles and ratchet release




Similar Part No. - D03017

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03010 DURATOOL-D03010 Datasheet
164Kb / 1P
Hex Crimp Ratchet Tool
27/08/14 V1.0
D03011 DURATOOL-D03011 Datasheet
152Kb / 1P
9” Hex Crimp Tool
27/08/14 V1.0
D03012 DURATOOL-D03012 Datasheet
166Kb / 1P
Large Non-Insulated Terminal Crimper
27/08/14 V1.0
D03013 DURATOOL-D03013 Datasheet
138Kb / 1P
6-120mm Hex Crimp Tool
28/08/14 V1.0
D03014 DURATOOL-D03014 Datasheet
132Kb / 1P
6-50mm Hex Crimp Tool
28/08/14 V1.0
More results


Similar Description - D03017

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG1395 HOLTEK-HTG1395 Datasheet
653Kb / 21P
3-in-1 LCD Game
August 18, 2000
logo
Sanyo Semicon Device
LV7980 SANYO-LV7980 Datasheet
78Kb / 6P
3 in 1 RGB Driver
logo
Sumida Corporation
CLS3D23 SUMIDA-CLS3D23_1 Datasheet
304Kb / 3P
2 in 1 Inductor & 3 in 1 Inductor
logo
List of Unclassifed Man...
PA1930 ETC2-PA1930 Datasheet
143Kb / 1P
BNC Coax 3-in-1 Multi-Tool
logo
Molex Electronics Ltd.
0622030200 MOLEX11-0622030200 Datasheet
31Kb / 1P
Press-In Tool
logo
PHOENIX CONTACT
1200101 PHOENIX-1200101 Datasheet
50Kb / 2P
Multi-function tool - CRIMPFOX 4 IN 1
1208953 PHOENIX-1208953 Datasheet
59Kb / 3P
Tool set - TOOL-SET ALLROUND 3
logo
RRC power solutions Ltd...
SMBUS-READER RRC-SMBUS-READER Datasheet
164Kb / 2P
Design-In Tool
logo
Molex Electronics Ltd.
0622030050 MOLEX-0622030050 Datasheet
31Kb / 1P
Press-In Tool
02/26/2021
0622030110 MOLEX-0622030110 Datasheet
28Kb / 1P
Press-In Tool
02/26/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com