Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG1395 Datasheet (PDF) - Holtek Semiconductor Inc

HTG1395 Datasheet PDF - Holtek Semiconductor Inc
Part # HTG1395
Download  HTG1395 Download
File Size   653.72 Kbytes
Page   21 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3-in-1 LCD Game

HTG1395 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTG1395 Datasheet PDF - Holtek Semiconductor Inc

Part # HTG1395
Download  HTG1395 Click to download

File Size   653.72 Kbytes
Page   21 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3-in-1 LCD Game

HTG1395 Datasheet (HTML) - Holtek Semiconductor Inc


HTG1395 Product details

General Description
HTG1395 is a 3-in-1 LCD game designed by HOLTEK. Customers can select three kinds of game by using 2 Pad Bounding options, namely; Car racing, Soccer and the Eagle Preys on the chickens. Each game has its own characteristics. Car racing has two kinds of game mode, GAME I and GAME II. Those two games have different number of cars. The longer the user plays, the speed increases.

Features
• Operating voltage: 1.2V~1.5V
• 27 segment3 common, 1/3 duty, 1/2 bias LCD driver
• RC oscillator 400kHz




Similar Part No. - HTG1395

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG1390 HOLTEK-HTG1390 Datasheet
427Kb / 27P
4-bit Microcontroller
17th Nov 98
More results


Similar Description - HTG1395

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1132A HOLTEK-HT1132A Datasheet
270Kb / 11P
SPACE WAR LCD Game
17th Nov 98
HT1134A HOLTEK-HT1134A Datasheet
316Kb / 12P
Pin Ball LCD Game
24th Dec 98
HT1136A HOLTEK-HT1136A Datasheet
365Kb / 12P
Football LCD Game
17th Nov 98
HT1137A HOLTEK-HT1137A Datasheet
358Kb / 11P
Motorcycle LCD Game
19th Nov 98
HT113AA HOLTEK-HT113AA Datasheet
276Kb / 13P
StreetfighterS LCD Game
December 14, 1999
HT113FA HOLTEK-HT113FA Datasheet
807Kb / 11P
Submarine War LCD Game
25th Nov 98
HT113JA HOLTEK-HT113JA Datasheet
178Kb / 14P
Baseball LCD Game
December 14, 1999
HT113RA HOLTEK-HT113RA Datasheet
823Kb / 14P
Poker and Black Jack LCD Game
2nd Dec 98
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
Casino Game 5-in-1 LCD Game
25th Nov 98
logo
Generalplus Technology ...
GPL95100UA GENERALPLUS-GPL95100UA Datasheet
900Kb / 22P
16--bit High--end Interactive LCD Toy & Game Controller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com