Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG1390 Datasheet (PDF) - Holtek Semiconductor Inc

HTG1390 Datasheet PDF - Holtek Semiconductor Inc
Part # HTG1390
Download  HTG1390 Download
File Size   427.06 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 4-bit Microcontroller

HTG1390 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTG1390 Datasheet PDF - Holtek Semiconductor Inc

Part # HTG1390
Download  HTG1390 Click to download

File Size   427.06 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 4-bit Microcontroller

HTG1390 Datasheet (HTML) - Holtek Semiconductor Inc


HTG1390 Product details

General Description
The HTG1390 is the processor from Holtek’s 4-bit stand alone single chip microcontroller range specifically designed for LCD product applications. The device is ideally suited for multiple LCD low power applications among which are calculators, scales, and hand held LCD products.

Features
• Operating voltage: 1.2V~1.8V
• 7 input lines
• 3 output lines
• Halt feature reduces power consumption
• Up to 16µs instruction cycle with 256kHz system clock at VDD=1.5V
• All instructions in 1 or 2 machine cycles
• 4K×8 program ROM
• Data memory RAM size 128×4 bits
• 27×3 segment LCD driver
• 8-bit table read instruction
• 5 working registers
• Internal timer overflow interrupt
• One level subroutine nesting
• RC oscillator for system clock
• 8-bit timer with internal clock source
• Sound effect circuit




Similar Part No. - HTG1390

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG1395 HOLTEK-HTG1395 Datasheet
653Kb / 21P
3-in-1 LCD Game
August 18, 2000
More results


Similar Description - HTG1390

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com