Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2389. Datasheet (PDF) - Santronics Inc

2389. Datasheet PDF - Santronics Inc
Part # 2389.
Download  2389. Download
File Size   245.61 Kbytes
Page   1 Pages
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc
Description INTERCONNECT MAT CORD, 10MM STUDS, NO RESISTOR, 10FT

2389. Datasheet (PDF)

Go To PDF Page Download Datasheet
2389. Datasheet PDF - Santronics Inc

Part # 2389.
Download  2389. Click to download

File Size   245.61 Kbytes
Page   1 Pages
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc
Description INTERCONNECT MAT CORD, 10MM STUDS, NO RESISTOR, 10FT

2389. Datasheet (HTML) - Santronics Inc


2389. Product details

Description
The SCS 2389 monitor/table mat interconnect cord is a 10-ft. straight cord with male stud snap fasteners at each end, and no resistors. It is used to interconnect two monitored worksurfaces together.




Similar Part No. - 2389.

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2389 KR-2389 Datasheet
30Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2389 ETC-2389 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
KR Electronics, Inc.
2389-1 KR-2389-1 Datasheet
371Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2389A ETC-2389A Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
More results


Similar Description - 2389.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BZY91 LITTELFUSE-BZY91 Datasheet
117Kb / 2P
Zeners/Studs
logo
Semikron International
P1/75-M12 SEMIKRON-P1/75-M12 Datasheet
757Kb / 4P
For studs and bridge rectifiers
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
HOUSING MAT: FILLED POLYESTER
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
Safety Mat/Safety Mat Controller
logo
Naina Semiconductor ltd...
BZY91 NAINA-BZY91 Datasheet
114Kb / 2P
Zener Diodes (Studs)
BZY93 NAINA-BZY93_11 Datasheet
119Kb / 2P
Zener Diodes (Studs)
logo
Hubbell Incorporated.
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 10ft
logo
Schneider Electric
AF2510G10ST SCHNEIDER-AF2510G10ST Datasheet
78Kb / 2P
Straight Length - I-Line - 10ft
Jun 3, 2020
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
Insulated Silicone Soldering Mat
4??0??8
logo
List of Unclassifed Man...
FHA-M3-10 ETC-FHA-M3-10 Datasheet
5Mb / 36P
SELF-CLINCHING STUDS AND PINS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com