Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2389. Datasheet(PDF) 1 Page - Santronics Inc

Part # 2389.
Description  INTERCONNECT MAT CORD, 10MM STUDS, NO RESISTOR, 10FT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2389. Datasheet(HTML) 1 Page - Santronics Inc

  2389. Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING
NUMBER
2389
DATE
July
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
INTERCONNECT MAT CORD, 10MM STUDS, NO RESISTOR, 10FT
Item #
Description
2389
Interconnect Mat Cord
Meets ANSI/ESD S20.20 and Grounding standard ANSI/ESD S6.1.
Description
The SCS 2389 monitor/table mat interconnect cord is a 10-ft. straight
cord with male stud snap fasteners at each end, and no resistors. It
is used to interconnect two monitored worksurfaces together.
Specifications
Length
10ft
Fasteners
10mm Male Stud Snap
Resistor
None
Color
Black
Made in the United States of America with Globally Sourced Materials
Unless otherwise noted, tolerance ±10%
Specifications and procedures subject to change without notice.


Similar Part No. - 2389.

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2389 KR-2389 Datasheet
30Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2389 ETC-2389 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
KR Electronics, Inc.
2389-1 KR-2389-1 Datasheet
371Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2389A ETC-2389A Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
More results

Similar Description - 2389.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BZY91 LITTELFUSE-BZY91 Datasheet
117Kb / 2P
Zeners/Studs
logo
Semikron International
P1/75-M12 SEMIKRON-P1/75-M12 Datasheet
757Kb / 4P
For studs and bridge rectifiers
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
HOUSING MAT: FILLED POLYESTER
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
Safety Mat/Safety Mat Controller
logo
Naina Semiconductor ltd...
BZY91 NAINA-BZY91 Datasheet
114Kb / 2P
Zener Diodes (Studs)
BZY93 NAINA-BZY93_11 Datasheet
119Kb / 2P
Zener Diodes (Studs)
logo
Hubbell Incorporated.
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 10ft
logo
Schneider Electric
AF2510G10ST SCHNEIDER-AF2510G10ST Datasheet
78Kb / 2P
Straight Length - I-Line - 10ft
Jun 3, 2020
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
Insulated Silicone Soldering Mat
4??0??8
logo
List of Unclassifed Man...
FHA-M3-10 ETC-FHA-M3-10 Datasheet
5Mb / 36P
SELF-CLINCHING STUDS AND PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com