Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV551 Datasheet (PDF) - Texas Instruments

LMV551 Datasheet PDF - Texas Instruments
Part # LMV551
Download  LMV551 Download
File Size   1168.99 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier

LMV551 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV551 Datasheet PDF - Texas Instruments

Part # LMV551
Download  LMV551 Click to download

File Size   1168.99 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier

LMV551 Datasheet (HTML) - Texas Instruments


LMV551 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following:
– Device Temperature Range Grade 1: −40°C to
+125°C Ambient Operating Temperature
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C7
• Specified 3-V and 5-V Performance
• High Unity Gain Bandwidth 3 MHz
• Supply Current 37 μA Typ
• CMRR 93 dB
• PSRR 90 dB
• Slew Rate 1 V/μs
• Output Swing With 100-kΩ Load 70 mV From Rail
• Total Harmonic Distortion: 0.003% at 1 kHz, 2 kΩ

2 Applications
• Automotive Subsystems
• Portable and Battery Powered Systems
• Robotics and Automation
• Sensors and Instrumentation
• Active Filters

3 Description
The LMV551-Q1 is a high performance, low power
operational amplifier implemented with TI’s advanced
VIP50 process. The LMV551-Q1 features 3 MHz of
bandwidth while consuming only 37 μA of current,
which is an exceptional bandwidth to power ratio in
this op amp class. These amplifiers are unity gain
stable and provide an excellent solution for low power
applications requiring a wide bandwidth.
The LMV551-Q1 has a rail-to-rail output stage and an
input common mode range that extends below
ground.
The LMV551-Q1 has an operating supply voltage
range from 2.7 V to 5.5 V. This amplifier can operate
over a wide temperature range (−40°C to 125°C)
making it a great choice for automotive applications,
sensor applications as well as portable
instrumentation applications. The LMV551-Q1 is
offered in the ultra tiny 5-pin SC70 package.




Similar Part No. - LMV551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV551 NSC-LMV551 Datasheet
936Kb / 14P
3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551 TI2-LMV551 Datasheet
1Mb / 41P
LMV55x 3-MHz, Micropower RRO Amplifiers
REVISED AUGUST 2016
LMV551-Q1 TI1-LMV551-Q1 Datasheet
1Mb / 27P
3-MHz, Automotive Micropower RRO Amplifier
LMV551-Q1 TI2-LMV551-Q1 Datasheet
1Mb / 41P
LMV55x 3-MHz, Micropower RRO Amplifiers
REVISED AUGUST 2016
More results


Similar Description - LMV551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2234 NSC-LMP2234 Datasheet
854Kb / 20P
Micropower, Precision, RRO Amplifier with CMOS Input
LMV551 NSC-LMV551_08 Datasheet
936Kb / 14P
3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI-LMV551_15 Datasheet
1Mb / 26P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551-Q1 TI1-LMV551-Q1 Datasheet
1Mb / 27P
3-MHz, Automotive Micropower RRO Amplifier
TLV9354-Q1 TI-TLV9354-Q1 Datasheet
2Mb / 37P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1_V01 Datasheet
2Mb / 44P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1 Datasheet
3Mb / 48P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1_V02 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
SEPTEMBER 2021
TLV9351-Q1 TI1-TLV9351-Q1_V03 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier For Cost-Sensitive Systems
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com