Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV551 Datasheet (PDF) - Texas Instruments

LMV551 Datasheet PDF - Texas Instruments
Part # LMV551
Download  LMV551 Download
File Size   1166.46 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV55x 3-MHz, Micropower RRO Amplifiers

LMV551 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV551 Datasheet PDF - Texas Instruments

Part # LMV551
Download  LMV551 Click to download

File Size   1166.46 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV55x 3-MHz, Micropower RRO Amplifiers

LMV551 Datasheet (HTML) - Texas Instruments


LMV551 Product details

1 Features
1• Specified 3-V and 5-V Performance
• High Unity Gain Bandwidth 3 MHz
• Supply Current (Per Amplifier) 37 μA
• CMRR 93 dB
• PSRR 90 dB
• Slew Rate 1 V/μs
• Output Swing With 100-kΩ Load 70 mV From Rail
• Total Harmonic Distortion: 0.003% at 1 kHz, 2 kΩ
• Temperature Range: −40°C to 125°C

2 Applications
• Active Filters
• Portable Equipment
• Automotive
• Battery Powered Systems
• Sensors and Instrumentation

3 Description
The LMV55x are high-performance, low-power
operational amplifiers implemented with TI’s
advanced VIP50 process. They feature 3 MHz of
bandwidth while consuming only 37 μA of current per
amplifier, which is an exceptional bandwidth to power
ratio in this op amp class. These ultra-low power
amplifiers are unity gain stable and provide an
excellent solution for ultra-low power applications
requiring a wide bandwidth.
The LMV55x have a rail-to-rail output stage and an
input common mode range that extends below
ground.
The LMV55x have an operating supply voltage range
from 2.7 V to 5.5 V. These amplifiers can operate
over a wide temperature range (−40°C to 125°C),
making them a great choice for automotive
applications, sensor applications as well as portable
instrumentation applications. The LMV551 is offered
in the ultra tiny 5-Pin SC70 and 5-Pin SOT-23
package. The LMV552 is offered in an 8-Pin VSSOP
package. The LMV554 is offered in the 14-Pin
TSSOP.




Similar Part No. - LMV551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV551 NSC-LMV551 Datasheet
936Kb / 14P
3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551 TI2-LMV551 Datasheet
1Mb / 28P
LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
FEBRUARY 2017
LMV551-Q1 TI1-LMV551-Q1 Datasheet
1Mb / 27P
3-MHz, Automotive Micropower RRO Amplifier
LMV551-Q1 TI2-LMV551-Q1 Datasheet
1Mb / 28P
LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
FEBRUARY 2017
More results


Similar Description - LMV551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2234 NSC-LMP2234 Datasheet
854Kb / 20P
Micropower, Precision, RRO Amplifier with CMOS Input
LMV551 NSC-LMV551_08 Datasheet
936Kb / 14P
3 MHz, Micropower RRO Amplifiers
logo
Texas Instruments
LMV551 TI-LMV551_15 Datasheet
1Mb / 26P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551 TI1-LMV551 Datasheet
1Mb / 27P
LMV551/LMV552/LMV554 3 MHz, Micropower RRO Amplifiers
LMV551-Q1 TI1-LMV551-Q1 Datasheet
1Mb / 27P
3-MHz, Automotive Micropower RRO Amplifier
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V01 Datasheet
2Mb / 48P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V04 Datasheet
3Mb / 55P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com