Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2531 Datasheet (PDF) - Texas Instruments

LMX2531 Datasheet PDF - Texas Instruments
Part # LMX2531
Download  LMX2531 Download
File Size   1164.91 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2531 High-Performance Frequency Synthesizer System With Integrated VCO

LMX2531 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2531 Datasheet PDF - Texas Instruments

Part # LMX2531
Download  LMX2531 Click to download

File Size   1164.91 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2531 High-Performance Frequency Synthesizer System With Integrated VCO

LMX2531 Datasheet (HTML) - Texas Instruments


LMX2531 Product details

1 Features
1• Multiple Frequency Options Available
– See Device Information Table
– Frequencies From: 553 MHz to 3132 MHz
• PLL Features
– Fractional-N Delta-Sigma Modulator Order
Programmable up to Fourth Order
– FastLock/Cycle Slip Reduction with Timeout
Counter
– Partially Integrated, Adjustable Loop Filter
– Very Low Phase Noise and Spurs
• VCO Features
– Integrated Tank Inductor
– Low Phase Noise
• Other Features
– 2.8-V to 3.2-V Operation
– Low Operating Current
– Low Power-Down Current
– 1.8-V MICROWIRE Support
– 36-Pin 6-mm × 6-mm × 0.8-mm WQFN
Package

2 Applications
• Cellular Base Stations
• Wireless LANs
• Broadband Wireless Access
• Satellite Communications
• Wireless Radios
• Automotive
• CATV Equipment
• Instrumentation and Test Equipment
• RFID Readers
• Data Converter Clocking

3 Description
The LMX2531 is a low-power, high-performance
frequency synthesizer system which includes a fully integrated delta-sigma PLL and VCO with fully
integrated tank circuit. The third and fourth poles are
also integrated and adjustable. Ultra-low noise and
high-precision LDOs are integrated for the PLL and
VCO, which yield higher supply-noise immunity and more consistent performance. When combined with a
high-quality reference oscillator, the LMX2531 device
generates very stable, low-noise local-oscillator
signals for up and down conversion in wireless
communication devices. The LMX2531 device is a monolithic integrated circuit, fabricated in an
advanced BiCMOS process. Several different
versions of this product accommodate different
frequency bands.




Similar Part No. - LMX2531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531 TI1-LMX2531 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
LMX2531 TI-LMX2531 Datasheet
1Mb / 41P
LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX25311742 NSC-LMX25311742 Datasheet
761Kb / 36P
High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ NSC-LMX2531LQ Datasheet
761Kb / 36P
High Performance Frequency Synthesizer System with Integrated VCO
More results


Similar Description - LMX2531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
High Performance Frequency Synthesizer System with Integrated VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
High-Performance Frequency Synthesizer System
logo
Semtech Corporation
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com