Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1781 Datasheet (PDF) - Semtech Corporation

SX1781 Datasheet PDF - Semtech Corporation
Part # SX1781
Download  SX1781 Download
File Size   460.3 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PLL Frequency Synthesizer with Integrated VCO

SX1781 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1781 Datasheet PDF - Semtech Corporation

Part # SX1781
Download  SX1781 Click to download

File Size   460.3 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PLL Frequency Synthesizer with Integrated VCO

SX1781 Datasheet (HTML) - Semtech Corporation


SX1781 Product details

GENERAL DESCRIPTION
The SX1781 is a high-performance low phase noise integer-N frequency synthesizer for wireless communications applications. The circuit embeds a fully integrated PLL (including VCO tank and loop filter), complementary output buffers The divider and power-down settings are programmable via an SPI interface. A Lock Detector pin linked to a squelch function have been designed to ease the software development.

FEATURES
◆ Frequency range:1200 to 1400 MHz
◆ Frequency step: 250 kHz min.
◆ Phase noise: -85 dBc/Hz @ 10 kHz offset
◆ Reference spurs: -67 dBc
◆ Hopping time: 350 µs max.
◆ Operating voltage: 3.0 - 3.6V
◆ Programmable Output Power: up to +5 dBm
◆ Integrated VCO and loop filter
◆ SPI-bus interface
◆ Lock Detect output and squelch
◆ Ultra-low power sleep mode
◆ Complementary RF outputs
◆ Temperature range: -40 to +85°C
◆ 4 x 4 mm MLPQ16 package
◆ Pb-free and RoHS compliant




Similar Part No. - SX1781

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701AI085TRT SEMTECH-SX1701AI085TRT Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701B SEMTECH-SX1701B Datasheet
462Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701BI085TRT SEMTECH-SX1701BI085TRT Datasheet
462Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
More results


Similar Description - SX1781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
LMX2581E Wideband Frequency Synthesizer with Integrated VCO
logo
Semtech Corporation
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
LMX2581 Wideband Frequency Synthesizer with Integrated VCO
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com