Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1701A Datasheet (PDF) - Semtech Corporation

SX1701A Datasheet PDF - Semtech Corporation
Part # SX1701A
Download  SX1701A Download
File Size   460.51 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly linear wideband LNA Single-channel, single-ended to differential conversion

SX1701A Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1701A Datasheet PDF - Semtech Corporation

Part # SX1701A
Download  SX1701A Click to download

File Size   460.51 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly linear wideband LNA Single-channel, single-ended to differential conversion

SX1701A Datasheet (HTML) - Semtech Corporation


SX1701A Product details

GENERAL DESCRIPTION
The SX1701A is an integrated LNA operating over a wide frequency range from 40 MHz to 2.5 GHz. It is optimized for high OIP2 and OIP3 with minimum current consumption. It also performs a single-ended to differential conversion with 3 selectable gains.

KEY PRODUCT FEATURES
• Single-ended input / Differential outputs
• Programmable gain: 6, 12 and 18 dB
• High Linearity: OIP2 of 57 dBm and OIP3 of 22 dBm
• Noise Figure of 7 dB
• 75 Ω Input impedance
• 100 Ω differential output impedance
• Current consumption of 130 mA at maximum gain
• ESD protection (Normal ESD handling procedures should be observed)
• Very small package: MLPQ-16, 4 mm x 4 mm (equivalent to QFN-16, 4 mm x 4 mm)

APPLICATIONS
• Digital Set Top Boxes (Satellite and Terrestrial)
• CATV Distribution Systems
• Active Splitter
• Data Communications Systems
• Active Balun




Similar Part No. - SX1701A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701B SEMTECH-SX1701B Datasheet
462Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701BI085TRT SEMTECH-SX1701BI085TRT Datasheet
462Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701I085TRT SEMTECH-SX1701I085TRT Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
More results


Similar Description - SX1701A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
Highly Linear LNA/Downconverter 800-900 MHz
logo
Maxim Integrated Produc...
MAX4447 MAXIM-MAX4447 Datasheet
324Kb / 12P
6500V/關s, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
Rev 1; 10/99
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701B SEMTECH-SX1701B Datasheet
462Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
Signal conditioning, differential to single-ended amplification
27-Oct-2014
logo
TriQuint Semiconductor
TGA4893-SL TRIQUINT-TGA4893-SL_15 Datasheet
74Kb / 1P
200/400 Gb/s Differential input, Single Ended output, Dual Channel Linear Driver
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
MAX19505EVKIT MAXIM-MAX19505EVKIT Datasheet
2Mb / 30P
On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
logo
Microsemi Corporation
LE89156 MICROSEMI-LE89156 Datasheet
141Kb / 2P
Single Channel Wideband FXS
January 2012
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com