Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1701B Datasheet (PDF) - Semtech Corporation

SX1701B Datasheet PDF - Semtech Corporation
Part # SX1701B
Download  SX1701B Download
File Size   462.52 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly linear wideband LNA Multi-channel, single-ended to differential conversion

SX1701B Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1701B Datasheet PDF - Semtech Corporation

Part # SX1701B
Download  SX1701B Click to download

File Size   462.52 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Highly linear wideband LNA Multi-channel, single-ended to differential conversion

SX1701B Datasheet (HTML) - Semtech Corporation


SX1701B Product details

GENERAL DESCRIPTION
The SX1701B is an integrated LNA operating over a wide frequency range from 40 MHz to 2.5 GHz. It is optimized for high OIP2 and OIP3 with minimum current consumption. It also performs a single-ended to differential conversion.
Two independent output channels are available and the gain of each may be adjusted independently.

KEY PRODUCT FEATURES
• Single-ended input / Dual differential outputs
• Independent programmable gain for each channel: 6, 12 and 18 dB
• High Linearity: OIP2 of 57 dBm and OIP3 of 22 dBm
• Noise Figure of 7 dB
• 75 Ω Input impedance
• 100 Ω differential output impedance
• Current consumption of 130 mA with one channel enabled
• ESD protection (Normal ESD handling procedures should be observed)
• Very small package: MLPQ-16, 4 mm x 4 mm (equivalent to QFN-16, 4 mm x 4 mm)

APPLICATIONS
• Digital Set Top Boxes (Satellite and Terrestrial)
• CATV Distribution Systems
• Active Splitter
• Data Communications Systems
• Active Balun




Similar Part No. - SX1701B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701AI085TRT SEMTECH-SX1701AI085TRT Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701I085TRT SEMTECH-SX1701I085TRT Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
More results


Similar Description - SX1701B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
Highly Linear LNA/Downconverter 800-900 MHz
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
Wideband LNA
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
Highly linear wideband LNA Single-channel, single-ended to differential conversion
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
Wideband LNA
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
Wideband LNA
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
Wideband LNA
logo
Mini-Circuits
AVA-0233LN+ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
Wideband LNA
REV. A
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com