Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3995 Datasheet (PDF) - Texas Instruments

LP3995 Datasheet PDF - Texas Instruments
Part # LP3995
Download  LP3995 Download
File Size   1204.93 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown

LP3995 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3995 Datasheet PDF - Texas Instruments

Part # LP3995
Download  LP3995 Click to download

File Size   1204.93 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown

LP3995 Datasheet (HTML) - Texas Instruments


LP3995 Product details

1 Features
1• Input Range: 2.5 V to 6 V
• Accurate Output Voltage: ±75 mV / 2%
• Typical Dropout with 150 mA Load: 60 mV
• Virtually Zero Quiescent Current When Disabled
• Low Output Voltage Noise
• Stable With a 1-μF Output Capacitor
• Output Current: 150 mA
• Fast Turnon: 30 μs (Typical)
• Fast Turnoff: 175 μs (Typical)
• Stable With Ceramic Capacitor
• Logic Controlled Enable
• Fast Turnon
• Active Disable for Fast Turnoff
• Thermal-Overload and Short-Circuit Protection
• −40 to +125°C Junction Temperature Range for
Operation

2 Applications
• GSM Portable Phones
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• Bluetooth Devices
• Portable Information Appliances

3 Description
The LP3995 linear regulator is designed to meet the
requirements of portable battery-powered applications, providing an accurate output voltage
with low noise and low quiescent current. Ideally
suited for powering RF and analog devices, this
device can also be used to meet more general circuit needs in which a fast turnoff is essential.
For battery-powered applications the low dropout and low ground current provided by the device allows the
lifetime of the battery to be maximized. The
Enable(/Disable) control function allows the system to
further extend the battery lifetime by reducing the
power consumption to virtually zero. This function
also incorporates an active discharge circuit on the
output for faster device shutdown. Where the fast
turnoff is not required the LP3999 linear regulator is
recommended. The LP3995 also features internal protection against short-circuit currents and
overtemperature conditions.
The LP3995 is designed to be stable with small 1-μF
ceramic capacitors. The small outline of the LP3995 DSBGA package with the required ceramic capacitors
can realize a system application within minimal board
area. Performance is specified for a −40°C to +125°C
temperature range.
The LP3995 is available in fixed output voltages from
1.5 V to 3.3 V, in DSBGA or WSON packages. For
other package options or output-voltage options,
contact your local TI sales office.




Similar Part No. - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
National Semiconductor ...
LP3995ILD-1.5 NSC-LP3995ILD-1.5 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results


Similar Description - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Microchip Technology
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
logo
Texas Instruments
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com