Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3995 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LP3995 Datasheet PDF - National Semiconductor (TI)
Part # LP3995
Download  LP3995 Download
File Size   355.87 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 150mA CMOS Voltage Regulator with Active Shutdown

LP3995 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3995 Datasheet PDF - National Semiconductor (TI)

Part # LP3995
Download  LP3995 Click to download

File Size   355.87 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 150mA CMOS Voltage Regulator with Active Shutdown

LP3995 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP3995

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
Texas Instruments
LP3995 TI2-LP3995 Datasheet
1Mb / 26P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
REVISED SEPTEMBER 2015
logo
Intersil Corporation
LP3995ILD-1.5 INTERSIL-LP3995ILD-1.5 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results


Similar Description - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com