Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet (PDF) - Texas Instruments

LP3997 Datasheet PDF - Texas Instruments
Part # LP3997
Download  LP3997 Download
File Size   1078.52 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset

LP3997 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3997 Datasheet PDF - Texas Instruments

Part # LP3997
Download  LP3997 Click to download

File Size   1078.52 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset

LP3997 Datasheet (HTML) - Texas Instruments


LP3997 Product details

1FEATURES
2• Low 140-mV Dropout at 250-mA Load
• Stable With Ceramic Capacitor.
• Low Noise With Bypass Capacitor
• Less Than 80 μA Typical IQ at 250 mA
• Virtually Zero I Q (Disabled)
• Thermal and Short Circuit Protection
• 3.3-V Output (1)
• 8-Lead VSSOP Package (2)

APPLICATIONS
• Portable Consumer Electronics
• Cellular Handsets
• Laptop and Palm Computers
• PDAs
• Digital Cameras
(1) For other voltage options, contact your TI sales office
(2) For other package options, contact your TI sales office.

DESCRIPTION
The LP3997 regulator is designed to meet the
requirements of portable, battery-powered systems,
providing accurate output voltage, low noise, and low
quiescent current. The LP3997 provides 3.3V output
at up to 250mA load current. The chip architecture is
capable of providing output voltages as low as 0.8V.
When switched in shutdown mode, the power
consumption is virtually zero.
The LP3997 is designed to be stable with space
saving ceramic output capacitor as small as 1μF.
The LP3997 also includes an out-of-regulation error flag. When the output is more than 5% below its
nominal voltage, the error flag sets to low. If a
capacitor is connected to device’s delay pin, a
delayed power-on reset signal will be generated.




Similar Part No. - LP3997

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Texas Instruments
LP3997 TI-LP3997 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997MM-3.3 NSC-LP3997MM-3.3 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Texas Instruments
LP3997MM-3.3/NOPB TI-LP3997MM-3.3/NOPB Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997MMX-3.3 NSC-LP3997MMX-3.3 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
More results


Similar Description - LP3997

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
19-Apr-04
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
28-Jun-04
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
01-Apr-02
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
15-Oct-01
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
16-May-05
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
23-Nov-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com