Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3997 Datasheet(HTML) 2 Page - Texas Instruments

  LP3997 Datasheet HTML 1Page - Texas Instruments LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
8
6
5
7
1
3
4
2
VOUT
VIN
GND
DELAY
CBYP
SENSE
SD
ERROR
VREF
POR
+
-
VIN
CBYP
GND
DELAY
VOUT
2.2 PA
+
-
SENSE
SD
ERROR
1.2V
6 M:
RFB2
RFB1
0.5V
OFF
ON
LP3997
SNVS272B – MAY 2004 – REVISED MAY 2013
www.ti.com
Functional Block Diagram
Pin Descriptions
Pin No.
Name
Description
1
CBYP
Noise bypass pin. For low noise applications a 0.1µF or larger ceramic capacitor should be connected from
this pin to ground. This will also improve PSSR.
2
DELAY
A capacitor connected from this pin to ground will allow a delayed power-on-reset signal at the ERROR (pin
7) output. See Applications Information.
3
GND
Ground pin. Local ground for CBYP ,CIN, COUT and CDELAY.
4
VIN
Input supply pin. Connect CIN between this pin and GND.
5
VOUT
Output voltage, Connect COUT between this pin and ground.
6
SENSE
Connect this pin to VOUT (pin 5). For best performance the connection should be made as close to the load
as possible.
7
ERROR
This open drain output is an error flag output which goes low when VOUT drops 5% below its nominal
voltage. This pin also provides a power-on-reset signal if a capacitor is connected to the DELAY pin.
8
SD
Shutdown. Disables the regulator when less than 0.4V is applied. Enables the regulator when greater than
0.9V. The Shutdown pin is pulled down internally by a 6M
Ω resistor.
Connection Diagram
8-Lead VSSOP
Package Number DGK
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com