Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5030RJVR Datasheet (PDF) - Texas Instruments

LP5030RJVR Datasheet PDF - Texas Instruments
Part # LP5030RJVR
Download  LP5030RJVR Download
File Size   1184.45 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers

LP5030RJVR Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5030RJVR Datasheet PDF - Texas Instruments

Part # LP5030RJVR
Download  LP5030RJVR Click to download

File Size   1184.45 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers

LP5030RJVR Datasheet (HTML) - Texas Instruments


LP5030RJVR Product details

1 Features
1• Operating Voltage Range:
– VCC Range: 2.7 V to 5.5 V
– EN, SDA, and SCL Pins Compatible With 1.8-
V, 3.3-V, and 5-V Power Rails
– Output Maximum Voltage: 6 V
• 36 Constant-Current Sinks With High Precision
– 25.5 mA Maximum per Channel When VCC in
Full Range
– 35 mA Maximum per Channel When VCC ≥ 3.3
V
– Device-to-Device Error ±5%; Channel-to-
Channel Error ±5%
• Ultralow Quiescent Current:
– Shutdown Mode: 1 μA (Maximum) When EN
Low
– Power Saving Mode: 12 μA (Maximum) When
EN High and All LEDs Off for > 30 ms
• Integrated 12-Bit, 29-kHz PWM Generator for
Each Channel:
– Independent Color-Mixing Register Per
Channel
– Independent Brightness-Control Register Per
RGB LED Module
– Optional Logarithmic- or Linear-Scale
Brightness Control
– Integrated 3-Phase-Shifting PWM Scheme
• 3 Programmable Banks (R, G, B) for Easy
Software Control of Each Color
• 2 External Hardware Address Pins Allow
Connecting up to 4 Devices
• Broadcast Slave Address Allows Configuring
Multiple Devices Simultaneously
• Auto-Increment Allows Writing or Reading
Consecutive Registers Within One Transmission
• Up to 400-kHz Fast-Mode I2C Speed

2 Applications
LED Lighting, Indicator Lights, and Fun Lights for:
• Smart Speaker
• Smart Home Appliances
• Video Doorbell
• Electric Smart Lock
• Smoke Detector
• Set-Top Box
• Smart Router
• Handheld Devices

3 Description
Efficient and high-performance LED response effects,
such as blinking, breathing, and chasing, are critical
to improving end-user experience in many human
machine interface (HMI) applications.
The LP503x device is a 30- or 36-channel constantcurrent-
sink LED driver. The LP503x has a 29 kHz,
12-Bit PWM generator for each channel, as well as
channel/module independent color mixing and
intensity control, formerly called brightness control
registers to enable vivid LED effects with zero audible
noise. Users can benefit from the device’s ultra-low
shutdown Iq Power Saving Mode, while designers will
appreciate the incredibly straightforward software
coding of the LP503x’s three programmable R G B
banks.




Similar Part No. - LP5030RJVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5030RJVR TI1-LP5030RJVR Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5030RJVR TI2-LP5030RJVR Datasheet
1Mb / 61P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR TI2-LP5030RJVR Datasheet
1Mb / 62P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR.A TI2-LP5030RJVR.A Datasheet
1Mb / 61P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR.A TI2-LP5030RJVR.A Datasheet
1Mb / 62P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
More results


Similar Description - LP5030RJVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com