Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5030RJVR Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5030RJVR
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030RJVR Datasheet(HTML) 1 Page - Texas Instruments

  LP5030RJVR Datasheet HTML 1Page - Texas Instruments LP5030RJVR Datasheet HTML 2Page - Texas Instruments LP5030RJVR Datasheet HTML 3Page - Texas Instruments LP5030RJVR Datasheet HTML 4Page - Texas Instruments LP5030RJVR Datasheet HTML 5Page - Texas Instruments LP5030RJVR Datasheet HTML 6Page - Texas Instruments LP5030RJVR Datasheet HTML 7Page - Texas Instruments LP5030RJVR Datasheet HTML 8Page - Texas Instruments LP5030RJVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
EN
SDA
SCL
OUT0
OUT1
OUT35
MCU
VCC
GND
LP5036
ADDR0
OUT2
VLED
VVCC
IREF
OUT34
OUT33
VCAP
ADDR1
CVCAP
RIREF
VMCU
CVCC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
1
1 Features
1
•
Operating Voltage Range:
–
VCC Range: 2.7 V to 5.5 V
–
EN, SDA, and SCL Pins Compatible With 1.8-
V, 3.3-V, and 5-V Power Rails
–
Output Maximum Voltage: 6 V
•
36 Constant-Current Sinks With High Precision
–
25.5 mA Maximum per Channel When VCC in
Full Range
–
35 mA Maximum per Channel When VCC ≥ 3.3
V
–
Device-to-Device Error ±5%; Channel-to-
Channel Error ±5%
•
Ultralow Quiescent Current:
–
Shutdown Mode: 1 µA (Maximum) When EN
Low
–
Power Saving Mode: 12 µA (Maximum) When
EN High and All LEDs Off for > 30 ms
•
Integrated 12-Bit, 29-kHz PWM Generator for
Each Channel:
–
Independent Color-Mixing Register Per
Channel
–
Independent Brightness-Control Register Per
RGB LED Module
–
Optional Logarithmic- or Linear-Scale
Brightness Control
–
Integrated 3-Phase-Shifting PWM Scheme
•
3 Programmable Banks (R, G, B) for Easy
Software Control of Each Color
•
2 External Hardware Address Pins Allow
Connecting up to 4 Devices
•
Broadcast Slave Address Allows Configuring
Multiple Devices Simultaneously
•
Auto-Increment Allows Writing or Reading
Consecutive Registers Within One Transmission
•
Up to 400-kHz Fast-Mode I2C Speed
2 Applications
LED Lighting, Indicator Lights, and Fun Lights for:
•
Smart Speaker
•
Smart Home Appliances
•
Video Doorbell
•
Electric Smart Lock
•
Smoke Detector
•
Set-Top Box
•
Smart Router
•
Handheld Devices
3 Description
Efficient and high-performance LED response effects,
such as blinking, breathing, and chasing, are critical
to improving end-user experience in many human
machine interface (HMI) applications.
The LP503x device is a 30- or 36-channel constant-
current-sink LED driver. The LP503x has a 29 kHz,
12-Bit PWM generator for each channel, as well as
channel/module
independent
color
mixing
and
intensity control, formerly called brightness control
registers to enable vivid LED effects with zero audible
noise. Users can benefit from the device’s ultra-low
shutdown Iq Power Saving Mode, while designers will
appreciate the incredibly straightforward software
coding of the LP503x’s three programmable R G B
banks.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5030
VQFN (46)
6.00 mm × 5.00 mm
LP5036
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5030RJVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5030RJVR TI1-LP5030RJVR Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5030RJVR TI2-LP5030RJVR Datasheet
1Mb / 61P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR TI2-LP5030RJVR Datasheet
1Mb / 62P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR.A TI2-LP5030RJVR.A Datasheet
1Mb / 61P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
LP5030RJVR.A TI2-LP5030RJVR.A Datasheet
1Mb / 62P
LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED JANUARY 2019
More results

Similar Description - LP5030RJVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com