Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5030RJVR Datasheet(PDF) 24 Page - Texas Instruments

Part # LP5030RJVR
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030RJVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5030RJVR Datasheet HTML 20Page - Texas Instruments LP5030RJVR Datasheet HTML 21Page - Texas Instruments LP5030RJVR Datasheet HTML 22Page - Texas Instruments LP5030RJVR Datasheet HTML 23Page - Texas Instruments LP5030RJVR Datasheet HTML 24Page - Texas Instruments LP5030RJVR Datasheet HTML 25Page - Texas Instruments LP5030RJVR Datasheet HTML 26Page - Texas Instruments LP5030RJVR Datasheet HTML 27Page - Texas Instruments LP5030RJVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
24
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.6 Register Maps
Table 4 lists the memory-mapped registers of the device.
Table 4. Register Maps
REGISTER
NAME
ADDR
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
DEF
AULT
DEVICE_CONFI
G0
00h
R/W
RESERVED
Chip_EN
RESERVED
00h
DEVICE_CONFI
G1
01h
R/W
RESERVED
Log_Scale_EN
Power_Save_EN
Auto_Incr_EN
PWM_Ditherin
g_EN
Max_Current_
Option
LED_Global
Off
3Ch
LED_CONFIG0
02h
R/W
LED7_Bank_EN
LED6_Bank_EN
LED5_Bank_EN
LED4_Bank_EN
LED3_Bank_EN
LED2_Bank_E
N
LED1_Bank_E
N
LED0_Bank_E
N
00h
LED_CONFIG1
03h
R/W
RESERVED
LED11_Bank_E
N
LED10_Bank_
EN
LED9_Bank_E
N
LED8_Bank_E
N
00h
BANK_BRIGHTN
ESS
04h
R/W
Bank_Brightness
FFh
BANK_A_COLO
R
05h
R/W
Bank_A_Color
00h
BANK_B_COLO
R
06h
R/W
Bank_B_Color
00h
BANK_C_COLO
R
07h
R/W
Bank_C_Color
00h
LED0_BRIGHTN
ESS
08h
R/W
LED0_Brightness
FFh
LED1_BRIGHTN
ESS
09h
R/W
LED1_Brightness
FFh
LED2_BRIGHTN
ESS
0Ah
R/W
LED2_Brightness
FFh
LED3_BRIGHTN
ESS
0Bh
R/W
LED3_Brightness
FFh
LED4_BRIGHTN
ESS
0Ch
R/W
LED4_Brightness
FFh
LED5_BRIGHTN
ESS
0Dh
R/W
LED5_Brightness
FFh
LED6_BRIGHTN
ESS
0Eh
R/W
LED6_Brightness
FFh
LED7_BRIGHTN
ESS
0Fh
R/W
LED7_Brightness
FFh
LED8_BRIGHTN
ESS
10h
R/W
LED8_Brightness
FFh
LED9_BRIGHTN
ESS
11h
R/W
LED9_Brightness
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com