Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9972MM Datasheet (PDF) - Weller Tools

9972MM Datasheet PDF - Weller Tools
Part # 9972MM
Download  9972MM Download
File Size   58.51 Kbytes
Page   1 Pages
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools
Description 1.5mm x 102mm Series 99® Interchangeable Allen® Hex Socket Screw Blade

9972MM Datasheet (PDF)

Go To PDF Page Download Datasheet
9972MM Datasheet PDF - Weller Tools

Part # 9972MM
Download  9972MM Click to download

File Size   58.51 Kbytes
Page   1 Pages
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools
Description 1.5mm x 102mm Series 99® Interchangeable Allen® Hex Socket Screw Blade

9972MM Datasheet (HTML) - Weller Tools


9972MM Product details

Product Features:
Series 99® interchangeable Allen® hex socket screw blade
Metric size
Allen® is a registered trademark of Holo Krane, Technology Corp.

Description Hex Socket




Similar Part No. - 9972MM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9972GI VBSEMI-9972GI Datasheet
949Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
Silicon Standard Corp.
9972GI SSC-9972GI Datasheet
564Kb / 5P
N-channel Enhancement-mode Power MOSFET
logo
Advanced Power Electron...
9972GI A-POWER-9972GI Datasheet
69Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
9972GP SSC-9972GP Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Advanced Power Electron...
9972GP A-POWER-9972GP Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - 9972MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9922BP ETC2-9922BP Datasheet
92Kb / 1P
Series 99짰 Ballpoint Allen짰 Hex Socket Screw Blade
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Littelfuse
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com