Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1884 Datasheet (PDF) - OSRAM GmbH

DT1884 Datasheet PDF - OSRAM GmbH
Part # DT1884
Download  DT1884 Download
File Size   190.4 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX T PLUS 18 W/840

DT1884 Datasheet (PDF)

Go To PDF Page Download Datasheet
DT1884 Datasheet PDF - OSRAM GmbH

Part # DT1884
Download  DT1884 Click to download

File Size   190.4 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX T PLUS 18 W/840

DT1884 Datasheet (HTML) - OSRAM GmbH


DT1884 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industrial lighting

Product features
Average life: 10,000 h
Color rendering index R
a
: 80…89
Short and compact pin-base lamp with triple-turn tubes
Single-ended two-pin plug-in GX24d base




Similar Part No. - DT1884

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DT1 AEC-DT1 Datasheet
88Kb / 3P
high voltage industrial relays
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
Ultrasonic Distance Finder
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DT100/150-C TDK-DT100/150-C Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
PIC-BLE Development Board
12-17-19
More results


Similar Description - DT1884

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com