Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1884 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # DT1884
Description  DULUX T PLUS 18 W/840
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1884 Datasheet(HTML) 2 Page - OSRAM GmbH

  DT1884 Datasheet HTML 1Page - OSRAM GmbH DT1884 Datasheet HTML 2Page - OSRAM GmbH DT1884 Datasheet HTML 3Page - OSRAM GmbH DT1884 Datasheet HTML 4Page - OSRAM GmbH DT1884 Datasheet HTML 5Page - OSRAM GmbH DT1884 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Electrical data
Nominal wattage
18.00 W
Rated wattage
18.00 W
Energy consumption
23 kWh/1000h
Photometrical data
Nominal luminous flux
1200 lm
Rated luminous flux
1200 lm
Color temperature
4000 K
Light color
840
Light color as per EN 12464-1
LUMILUX Cool White
Color rendering index Ra
80…89
Luminous flux at 25 °C
1200 lm
Rated LLMF at 4,000 h
0.78
Rated LLMF at 6,000 h
0.76
Rated LLMF at 8,000 h
0.75
Luminance
4.7 cd/cm²
Color rendering group
1B
Dimensions & weight
Product line drawing
Base
Overall length
124.0 mm
Product weight
57.00 g
Tube diameter
12 mm
Length
124.0 mm
Product datasheet
__
August 25, 2014, 15:35:36
© 2014, OSRAM GmbH. All rights reserved.
DULUX T PLUS 18 W/840
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com