Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE114 Datasheet (PDF) - OSRAM GmbH

DSE114 Datasheet PDF - OSRAM GmbH
Part # DSE114
Download  DSE114 Download
File Size   226.69 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S/E 11 W/840

DSE114 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSE114 Datasheet PDF - OSRAM GmbH

Part # DSE114
Download  DSE114 Click to download

File Size   226.69 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S/E 11 W/840

DSE114 Datasheet (HTML) - OSRAM GmbH


DSE114 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index R
a
: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamps with single-turn tubes
Single-ended four-pin plug-in 2G7 base
Operates on battery, solar and AC power with suitable electronic control gear




Similar Part No. - DSE114

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSE1206C101JN DUBILIER-DSE1206C101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206C103JN DUBILIER-DSE1206C103JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206C104JN DUBILIER-DSE1206C104JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206X101JN DUBILIER-DSE1206X101JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSE1206X103JN DUBILIER-DSE1206X103JN Datasheet
425Kb / 6P
SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results


Similar Description - DSE114

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
EPCOS
B66233 EPCOS-B66233 Datasheet
77Kb / 2P
E 32/16/11 Core
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
logo
PETERMANN-TECHNIK
SXO18LP PETERMANN-SXO18LP Datasheet
852Kb / 3P
SXO18LP-03025-S-E-50-W
logo
Adels-Contact
332982 ADELS-332982 Datasheet
111Kb / 1P
GSK 840 E VO/ 2 green printed "Earth"||" "1214053
GSK 840 E VO/ 3 green printed "Earth"||" "1214054
332983 ADELS-332983 Datasheet
111Kb / 1P
GSK 840 E VO/ 3 green printed
10/02/2020
332984 ADELS-332984 Datasheet
111Kb / 1P
GSK 840 E VO/ 4 green printed "Earth"||" "1214399
GSK 840 E VO/ 5 green printed "Earth"||" "1214400
332985 ADELS-332985 Datasheet
111Kb / 1P
GSK 840 E VO/ 5 green printed "Earth"
10/02/2020
332986 ADELS-332986 Datasheet
111Kb / 1P
GSK 840 E VO/ 6 green printed "Earth"
10/02/2020
logo
Weidmuller
2911220000 WEIDMULLER-2911220000 Datasheet
450Kb / 4P
CH-W-S-A22-P7.5-E
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com