Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE114 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # DSE114
Description  DULUX S/E 11 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE114 Datasheet(HTML) 6 Page - OSRAM GmbH

  DSE114 Datasheet HTML 1Page - OSRAM GmbH DSE114 Datasheet HTML 2Page - OSRAM GmbH DSE114 Datasheet HTML 3Page - OSRAM GmbH DSE114 Datasheet HTML 4Page - OSRAM GmbH DSE114 Datasheet HTML 5Page - OSRAM GmbH DSE114 Datasheet HTML 6Page - OSRAM GmbH DSE114 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Guarantee
Equipment / Accessories
Suitable for operation on electronic control gear
Safety advice
In case of lamp breakage: www.osram.com/brokenlamp
Others graphics
Circuit diagram
Circuit diagram
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (height x
width x length)
Volume
Gross weight
4008321468765
DULUX S/E 11
W/840
Folding carton box
1
- x - x -
4008321468772
DULUX S/E 11
W/840
Shipping carton box
10
240 mm x 86 mm x
126 mm
2.60 dm³
510.00 g
4050300020181
DULUX S/E 11
W/840
Folding carton box
1
40 mm x 23 mm x
239 mm
0.22 dm³
46.00 g
Product datasheet
__
August 25, 2014, 16:43:49
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 11 W/840
Page 6 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com