Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet (PDF) - Texas Instruments

ADC34RF72 Datasheet PDF - Texas Instruments
Part # ADC34RF72
Download  ADC34RF72 Download
File Size   4788.21 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC34RF72 Quad Channel 16-bit 1.5GSPS RF Sampling Data Converter

ADC34RF72 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC34RF72 Datasheet PDF - Texas Instruments

Part # ADC34RF72
Download  ADC34RF72 Click to download

File Size   4788.21 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC34RF72 Quad Channel 16-bit 1.5GSPS RF Sampling Data Converter

ADC34RF72 Datasheet (HTML) - Texas Instruments


ADC34RF72 Product details

1 Features
• 16-bit, quad channel 1.5GSPS ADC
• Noise spectral density: -163.7dBFS/Hz
• Thermal Noise: 75.6dBFS
• Noise figure: 14.4dB
• Single core (non-interleaved) ADC architecture
• Aperture jitter: 40fs
• Buffered analog inputs
• Input fullscale: 1.44Vpp (4.1dBm)
• Full power input bandwidth (-3dB): 1.8GHz
• Ultra-low close-in residual phase noise:
– −140dBc/Hz at 10kHz offset at 1GHz
• Spectral performance (fIN = 1GHz, -1dBFS):
– SNRflat: 72.1dBFS
– HD2,3: 68dBc
– Non HD2,3: 93dBFS
• 96-tap/ch programmable FIR equalizer filter
• 12-bit Fractional delay filter
• Digital down-converters (DDCs)
– Up to 8 DDC
– Complex output: /2, /3, /4, /5 to /32768
decimation
– 48-bit NCO phase coherent frequency hopping
– Fast frequency hopping: < 1μs
• JESD204B/C serial data interface
– Maximum lane rate: 24.75Gbps
• Code error rate (CER): 1E-15 errors/sample
• Power consumption: 1.1W/channel (1.5GSPS)

2 Applications
• Phased array radar
• Wafer Inspection
• Spectrum analyzer
• Software defined radio (SDR)
• Electronic warfare
• High-speed digitizer
• Cable infrastructure
• Communications infrastructure

3 Description
The ADC34RF72 is a 16-bit, 1.5GSPS (noninterleaved),
quad channel analog to digital converter
(ADC). The device is designed for the highest signalto-
noise ratio (SNR) and delivers a noise spectral
density of −163.7dBFS/Hz. Using internal averaging
modes, the NSD can be improved to as low as
-168.7dBFS/Hz. The buffered analog inputs support
a programmable internal termination impedance of
50, 100, 200Ω with a full power input bandwidth of
1.8GHz (−3dB).
The device includes several digital processing
features such as a 96-tap/ch programmable FIR filter
for equalization, a 12-bit fractional delay filter as well
as multiple digital down converters (DDCs). There
are eight DDCs supporting decimation factors of /2, /3
and /5 up to /32768. The 48-bit NCOs support phase
coherent frequency hopping.
The ADC34RF72 supports the JESD204B/C serial
data interface with interface rates up to 24.75Gbps.
The power efficient ADC architecture consumes
1.1W/ch at 1.5GSPS and provides power scaling with
lower sampling rates.




Similar Part No. - ADC34RF72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34RF72 TI2-ADC34RF72 Datasheet
4Mb / 74P
ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
NOVEMBER 2025
More results


Similar Description - ADC34RF72

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Analog Devices
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
16-bit, 100kHz Sampling A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
4 Channel, 16-Bit Sampling CMOS A/D Converter
ADC32RF54 TI-ADC32RF54 Datasheet
5Mb / 104P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
JUNE 2022
ADC32RF54 TI-ADC32RF54_V01 Datasheet
5Mb / 126P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED DECEMBER 2022
ADC34RF52 TI-ADC34RF52 Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
ADC32RF54 TI1-ADC32RF54_V02 Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
ADC34RF55 TI-ADC34RF55 Datasheet
4Mb / 105P
ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com