Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8.0SMDJ30A Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP8.0SMDJ30A Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP8.0SMDJ30A
Download  TP8.0SMDJ30A Download
File Size   3801.06 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8000W Surface Mount Transient Voltage Suppressors

TP8.0SMDJ30A Datasheet (PDF)

Go To PDF Page Download Datasheet
TP8.0SMDJ30A Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP8.0SMDJ30A
Download  TP8.0SMDJ30A Click to download

File Size   3801.06 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8000W Surface Mount Transient Voltage Suppressors

TP8.0SMDJ30A Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP8.0SMDJ30A Product details

Features

« 8000W peak pulsepower capability at 10 x 1000ps.
waveform, repetition rate (duty cycle): 0.01%

« Low incremental surge resistance.

o Glass Passivated chip junction

o Fast response time

© Built-in strain relief

« Halogen free and RoHS compliant




Similar Part No. - TP8.0SMDJ30A

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
Vishay Siliconix
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
11-May-16
logo
TiMOTION Technology Co....
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP80 ETC2-TP80 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
More results


Similar Description - TP8.0SMDJ30A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
8KP20A HUAXINAN-8KP20A Datasheet
197Kb / 2P
8000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
8KP17A YFWDIODE-8KP17A Datasheet
623Kb / 5P
8000W Axial Leaded Transient Voltage Suppressors
logo
UN Semiconducctor INC
8.0SMDJ UNSEMI-8.0SMDJ Datasheet
2Mb / 5P
22 To 36V 8000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
8KP UNSEMI-8KP Datasheet
3Mb / 6P
8000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com