Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-LEOPOL1V1 Datasheet (PDF) - STMicroelectronics

STEVAL-LEOPOL1V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-LEOPOL1V1
Download  STEVAL-LEOPOL1V1 Download
File Size   1715.44 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A monolithic synchronous switching regulator

STEVAL-LEOPOL1V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-LEOPOL1V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-LEOPOL1V1
Download  STEVAL-LEOPOL1V1 Click to download

File Size   1715.44 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A monolithic synchronous switching regulator

STEVAL-LEOPOL1V1 Datasheet (HTML) - STMicroelectronics


STEVAL-LEOPOL1V1 Product details

Features
• Input operating voltage: 5.0 V
• Output voltage: 1.2 V
• Output current: up to 5 A
• Enable input voltage: 2.5 V
• Switching frequency: 500 kHz
• Output overcurrent protection: 10 A
• Easy synchronization with 180° out-of-phase management (up to 2 ICs)




Similar Part No. - STEVAL-LEOPOL1V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
STEVAL-LDO001V1 STMICROELECTRONICS-STEVAL-LDO001V1 Datasheet
325Kb / 7P
Wireless sensor networks
March 2017 Rev 1
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
RoHS compliant
November 2016 Rev 2
More results


Similar Description - STEVAL-LEOPOL1V1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
1 A Synchronous Switching Regulator
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
logo
Alpha & Omega Semicondu...
AOZ3018PI AOSMD-AOZ3018PI Datasheet
612Kb / 14P
EZBuck??5 A Synchronous Buck Regulator
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
Monolithic Synchronous Regulator
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
Alpha & Omega Semicondu...
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
EZBuck 5 A Synchronous Buck Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com