Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-LEOPOL1V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-LEOPOL1V1
Description  5 A monolithic synchronous switching regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LEOPOL1V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-LEOPOL1V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LEOPOL1V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LEOPOL1V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LEOPOL1V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LEOPOL1V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Input operating voltage: 5.0 V
•
Output voltage: 1.2 V
•
Output current: up to 5 A
•
Enable input voltage: 2.5 V
•
Switching frequency: 500 kHz
•
Output overcurrent protection: 10 A
•
Easy synchronization with 180° out-of-phase management (up to 2 ICs)
Description
This data brief provides an overview of the use of the STEVAL-LEOPOL1V1
evaluation board, created and optimized for a typical application of the LEOPOL1
device, a single phase, step-down monolithic switching regulator with high precision
internal voltage reference and integrated power MOSFETs for synchronous
conversion.
The regulator LEOPOL1 converts 3 V ~ 12 V input voltage to 0.8 V ~ (0.85 x VIN)
output voltage. The controller is based on a peak current mode architecture, which
ensures a fast load transient response and very stable switching frequency. An
embedded integrator compensates the DC voltage error due to the output voltage
ripple.
Product summary
5 A monolithic
synchronous
switching regulator
STEVAL-
LEOPOL1V1
Rad-hard 5 A step-
down converter in
plastic package
LEOPOL1
Applications
Space applications,
Rad-Hard solutions
Power systems
5 A monolithic synchronous switching regulator
STEVAL-LEOPOL1V1
Data brief
DB5565 - Rev 1 - June 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-LEOPOL1V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
STEVAL-LDO001V1 STMICROELECTRONICS-STEVAL-LDO001V1 Datasheet
325Kb / 7P
Wireless sensor networks
March 2017 Rev 1
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
RoHS compliant
November 2016 Rev 2
More results

Similar Description - STEVAL-LEOPOL1V1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
1 A Synchronous Switching Regulator
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
logo
Alpha & Omega Semicondu...
AOZ3018PI AOSMD-AOZ3018PI Datasheet
612Kb / 14P
EZBuck??5 A Synchronous Buck Regulator
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
Monolithic Synchronous Regulator
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
Alpha & Omega Semicondu...
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
EZBuck 5 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com