Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS3220 Datasheet (PDF) - Texas Instruments

HD3SS3220 Datasheet PDF - Texas Instruments
Part # HD3SS3220
Download  HD3SS3220 Download
File Size   1441.38 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX

HD3SS3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS3220 Datasheet PDF - Texas Instruments

Part # HD3SS3220
Download  HD3SS3220 Click to download

File Size   1441.38 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX

HD3SS3220 Datasheet (HTML) - Texas Instruments


HD3SS3220 Product details

1 Features
• USB Type-C Port Controller with Integrated 2:1
SuperSpeed Mux
• Compatible to USB Type-C™ Specifications
• Supports USB 3.1 G1 and G2 up to 10Gbps
• Supports up to 15W of Power Delivery with 3A
Current Advertisement and Detection
• Mode Configuration
– Host Only – DFP/Source
– Device Only – UFP/Sink
– Dual Role Port - DRP
• Channel Configuration (CC)
– Attach of USB Port Detection
– Cable Orientation Detection
– Role Detection
– Type-C Current Mode (Default, Mid, High)
• V(BUS) Detection and VCONN Support for Active
Cables
• Audio and Debug Accessory Support
– HD3SS3220 - Audio and Debug(UFP/DFP/
DRP) Support
– HD3SS3220L - No Audio Accessory, Debug
Accessory only as UFP
• Supports for Try.SRC and Try.SNK DRP Modes
• Configuration Control through GPIO and I2C
• Low Active and Standby Current Consumptions
• Industrial Temperature Range of –40 to 85°C

2 Applications
• USB Host, Device, Hub
• Mobile Phones, Tablets and Notebooks
• USB Peripherals such as Thumb Drives, Portable
Hard Disks, Set Top Box

3 Description
HD3SS3220 is a USB SuperSpeed (SS) 2:1 mux with
DRP port controller. The device provides Channel
Configuration (CC) logic and 5V VCONN sourcing
for ecosystems implementing USB Type-C. The
HD3SS3220 can be configured as a Downstream
Facing Port (DFP), Upstream Facing Port (UFP) or
a Dual Role Port (DRP) making it ideal for any
application.
The HD3SS3220, in DRP mode, alternates presenting
itself as a DFP or UFP according to the Type-C
specifications. The CC logic block monitors the CC1
and CC2 pins for pull-up or pull-down resistances to
determine when a USB port has been attached and
its port role. Once a USB port has been attached,
the CC logic also determines the orientation of the
cable and configures the USB SS mux accordingly.
Finally, CC logic advertises or detects Type-C current
mode – Default, Mid, or High in DFP and UFP modes
respectively.
Excellent dynamic characteristics of the integrated
mux allow switching with minimum attenuation to the
SS signal eye diagram and very little added jitter.
The device’s switch paths deploy adaptive common
mode voltage tracking resulting identical channel
despite different common mode voltage for RX and
TX channels.




Similar Part No. - HD3SS3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220I TI1-HD3SS3220I Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220IRNHR TI1-HD3SS3220IRNHR Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220IRNHT TI1-HD3SS3220IRNHT Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
More results


Similar Description - HD3SS3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
logo
Silicon Mitus, Inc.
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com