Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182A Datasheet (PDF) - Analog Devices

ADV7182A Datasheet PDF - Analog Devices
Part # ADV7182A
Download  ADV7182A Download
File Size   1157.79 Kbytes
Page   102 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7182A Datasheet PDF - Analog Devices

Part # ADV7182A
Download  ADV7182A Click to download

File Size   1157.79 Kbytes
Page   102 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182A Datasheet (HTML) - Analog Devices


ADV7182A Product details

FEATURES
Worldwide NTSC/PAL/SECAM color demodulation support
One 10-bit ADC, 4× oversampling per channel for CVBS, S-Video mode, and YPrPb
4 analog video input channels with on-chip antialiasing filter
Video input support for CVBS (composite), S-Video (Y/C), and YPrPb (component)
Fully differential, pseudo differential, and single-ended CVBS video input support NTSC/PAL/SECAM autodetection
Up to 4 V common-mode input range solution Excellent common-mode rejection capability 5-line adaptive comb filters and CTI/DNR video enhancement Integrated AGC with adaptive peak white mode
Fast switch capability ACE Downdither (8 bits to 6 bits) Rovi copy protection detection
8-bit ITU-R BT.656 YCrCb 4:2:2 output and HS, VS, or field synchronization
Full-featured VBI data slicer with teletext support (WST)
Power-down mode available 2-wire serial MPU interface (I2C compatible)
Single 1.8 V supply possible
−40°C to +105°C automotive temperature grade −40°C to +85°C industrial qualified temperature grade 32-lead, 5 mm × 5 mm, RoHS compliant LFCSP
Qualified for automotive applications

APPLICATIONS
Advanced driver assistance
Automotive infotainment
DVRs for video security
Media players

GENERAL DESCRIPTION
The ADV7182A1 has the same pinout and is software compatible with the ADV7182.
The ADV7182A is a versatile, one chip, multiformat video decoder that automatically detects standard analog baseband video signals and converts them into YCbCr 4:2:2 component video data streams.
The analog input of the ADV7182A features a single, 10-bit analog-to-digital converter (ADC) and an on-chip differential to single-ended converter to accommodate direct connection of differential, pseudo differential, or single-ended CVBS without the need for external amplifier circuitry.
The standard definition processor (SDP) on the ADV7182A automatically detects NTSC, PAL, and SECAM standards in the form of CVBS (composite), S-Video (Y/C), and YPrPb (component). The analog video is converted into a 4:2:2 component video data stream that is compatible with the 8-bit ITU-R BT.656 interface standard. External synchronization timing signals are also available.
The ADV7182A is provided in a space-saving, LFCSP, surface-mount, RoHS compliant package. It is offered in an automotive grade rated over the −40°C to +105°C temperature range, as well as a −40°C to +85°C industrial temperature range, making the device ideal for automotive, industrial, and consumer applications.
The ADV7182A must be configured in accordance with the I2C writes provided in the evaluation board script files available at www.analog.com/ADV7182A.




Similar Part No. - ADV7182A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. C
ADV7182BCPZ AD-ADV7182BCPZ Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. C
ADV7182BCPZ-RL AD-ADV7182BCPZ-RL Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. C
ADV7182WBCPZ AD-ADV7182WBCPZ Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
More results


Similar Description - ADV7182A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
10-Bit, 4 x Oversampling SDTV Video Decoder
11/06-Rev. 0 to Rev. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7282 AD-ADV7282 Datasheet
508Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
REV. A
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
5/2018-Rev. 0 to Rev. A
ADV7281A AD-ADV7281A Datasheet
516Kb / 24P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7282A AD-ADV7282A Datasheet
571Kb / 28P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
Oversampled SDTV Video Decoder with Differential Inputs
4/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com