Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182 Datasheet (PDF) - Analog Devices

ADV7182 Datasheet PDF - Analog Devices
Part # ADV7182
Download  ADV7182 Download
File Size   1844.7 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7182 Datasheet PDF - Analog Devices

Part # ADV7182
Download  ADV7182 Click to download

File Size   1844.7 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182 Datasheet (HTML) - Analog Devices


ADV7182 Product details

GENERAL DESCRIPTION

The ADV7182 automatically detects and converts standard analog baseband video signals compatible with worldwide NTSC, PAL, and SECAM standards into a 4:2:2 component video data stream. This video data stream is compatible with the 8-bit ITU-RBT.656 interface standard.



FEATURES

  Worldwide NTSC/PAL/SECAM color demodulation support

  One 10-bit analog-to-digital converter (ADC), 4× oversampling per channel for CVBS, Y/C mode, and YPrPb

  Four analog video input channels with on-chip antialiasing filter

  CVBS (composite), Y/C (S-Video), and YPrPb (component) video input support

  Fully differential, pseudo differential, and single-ended CVBS video input support

  Up to 4 V common-mode input range solution

  Excellent common-mode rejection capabilities

  Five-line adaptive comb filters and CTI/DNR video enhancement

  TBC functionality provided by adaptive digital line length tracking (ADLLT), signal processing, and enhanced first in, first out (FIFO) management

  Integrated automatic gain control (AGC) with adaptive peak white mode

  Video fast switch capability

  Adaptive contrast enhancement (ACE)

  Down dither (8 bits to 6 bits)

  RoviTM (Macrovision) copy protection detection

  NTSC/PAL/SECAM autodetection

  8-bit ITU-R BT.656 YCrCb 4:2:2 output and HS, VS, or FIELD

  Full-featured VBI data slicer with teletext support (WST)

  Power-down mode and ultralow sleep mode current

  Two-wire serial MPU interface (I2C compatible)

  Single 1.8 V supply possible

  Qualified for automotive applications

  −40°C to +105°C temperature grade

  32-lead, 5 mm × 5 mm, RoHS-compliant LFCSP



APPLICATIONS

  Automotive infotainment

  DVRs for video security

  Media players



 




Similar Part No. - ADV7182

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. C
ADV7182A AD-ADV7182A Datasheet
1Mb / 102P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. 0
ADV7182ABCPZ AD-ADV7182ABCPZ Datasheet
1Mb / 102P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. 0
ADV7182ABCPZ-RL AD-ADV7182ABCPZ-RL Datasheet
1Mb / 102P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. 0
ADV7182AWBCPZ AD-ADV7182AWBCPZ Datasheet
1Mb / 102P
10-Bit, SDTV Video Decoder with Differential Inputs
Rev. 0
More results


Similar Description - ADV7182

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
10-Bit, 4 x Oversampling SDTV Video Decoder
11/06-Rev. 0 to Rev. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7282 AD-ADV7282 Datasheet
508Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
REV. A
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
5/2018-Rev. 0 to Rev. A
ADV7281A AD-ADV7281A Datasheet
516Kb / 24P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7282A AD-ADV7282A Datasheet
571Kb / 28P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
Oversampled SDTV Video Decoder with Differential Inputs
4/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com