Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61372L Datasheet (PDF) - Texas Instruments

TPS61372L Datasheet PDF - Texas Instruments
Part # TPS61372L
Download  TPS61372L Download
File Size   1531.79 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect

TPS61372L Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61372L Datasheet PDF - Texas Instruments

Part # TPS61372L
Download  TPS61372L Click to download

File Size   1531.79 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect

TPS61372L Datasheet (HTML) - Texas Instruments


TPS61372L Product details

1 Features
• Input voltage range: 2.5V to 5.5V
• Output voltage range: up to 16V
• On-resistance:
– Low-side FET - 36mΩ
– High-side FET - 107mΩ
• Switch peak current limit: 3.8A
• Quiescent current from VIN: 74μA
• Quiescent current from VOUT: 10μA
• Shutdown current from VIN: 1μA
• Switching frequency: 1.5MHz
• Soft-start time: 0.9ms
• Hiccup output short protection
• Auto PFM and forced PWM selectable
• Load disconnect during shutdown
• External loop compensation
• Output overvoltage protection
• 2.5mm × 2.5mm HotRod™ Lite WQFN package
• Create a custom design using the TPS61372L with
WEBENCH® Power Designer

2 Applications
• RF PA driver
• NAND flash
• Backup power
• Motor driver
• Optical sensor driver

3 Description
The TPS61372L is a full-integrated synchronous
boost converter with the load disconnect built-in. The
device supports output voltage up to 16V with a 3.8A
current limit. The input voltage ranges from 2.5V to
5.5V supporting applications powered by a single-cell
Lithium-ion battery or 5V bus.
The TPS61372L uses the peak current mode with the
adaptive off-time control topology. The device works
in PWM operation of 1.5 MHz at moderate-to-heavy
loads. At the light load conditions, the device can
be configured in either auto PFM or forced PWM
operation by the MODE pin connection. Auto PFM
mode has the benefit of high efficiency at light load
while forced PWM operation keeps the switching
frequency constant across the whole load range. The
TPS61372L has a soft start to minimize the inrush
current during start-up. The TPS61372L features of
the load disconnect during shut down and provides
a output short protection of hiccup mode. In addition,
the device implements output overvoltage and thermal
shutdown protection. The TPS61372L delivers a small
solution size with a 14-pin WQFN 2.5mm × 2.5mm
package of 0.8mm height.




Similar Part No. - TPS61372L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372YKBR TI1-TPS61372YKBR Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372YKBT TI1-TPS61372YKBT Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results


Similar Description - TPS61372L

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com