Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4869 Datasheet (PDF) - Micro Linear Corporation

ML4869 Datasheet PDF - Micro Linear Corporation
Part # ML4869
Download  ML4869 Download
File Size   200.75 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Medium Current Boost Regulator with Load Disconnect

ML4869 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4869 Datasheet PDF - Micro Linear Corporation

Part # ML4869
Download  ML4869 Click to download

File Size   200.75 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Medium Current Boost Regulator with Load Disconnect

ML4869 Datasheet (HTML) - Micro Linear Corporation


ML4869 Product details

GENERAL DESCRIPTION
The ML4869 is a continuous conduction boost regulator designed for DC to DC conversion in multiple cell battery power systems. Continuous conduction allows the regulator to maximize output current for a given inductor. The maximum switching frequency can exceed 200kHz, allowing the use of small, low cost inductors. The ML4869 is capable of start-up with input voltages as low as 1.8V, and is available in 5V and 3.3V output versions with an output voltage accuracy of ±3%.

FEATURES
■ Guaranteed full load start-up and operation at 1.8V input
■ Continuous conduction mode for high output current
■ Pulse Frequency Modulation and internal synchronous rectification for high efficiency
■ Isolates the load from the input during shutdown
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Low supply current
■ 5V and 3.3V output versions
■ Shutdown current = 1µA MAX




Similar Part No. - ML4869

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-3 MICRO-LINEAR-ML4861CS-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-5 MICRO-LINEAR-ML4861CS-5 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861CS-6 MICRO-LINEAR-ML4861CS-6 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4861ES-3 MICRO-LINEAR-ML4861ES-3 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
More results


Similar Description - ML4869

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61378-Q1 TI1-TPS61378-Q1 Datasheet
773Kb / 29P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61378-Q1-V01 TI-TPS61378-Q1-V01 Datasheet
3Mb / 36P
TPS61378-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
TPS61379-Q1 TI-TPS61379-Q1 Datasheet
2Mb / 34P
TPS61379-Q1 25-關A Quiescent Current Synchronous Boost Converter with Load Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com