Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4769 Datasheet (PDF) - Micro Linear Corporation

ML4769 Datasheet PDF - Micro Linear Corporation
Part # ML4769
Download  ML4769 Download
File Size   240.95 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2 Cell, Adjustable Output Boost Regulator with Load Disconnect

ML4769 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4769 Datasheet PDF - Micro Linear Corporation

Part # ML4769
Download  ML4769 Click to download

File Size   240.95 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2 Cell, Adjustable Output Boost Regulator with Load Disconnect

ML4769 Datasheet (HTML) - Micro Linear Corporation


ML4769 Product details

GENERAL DESCRIPTION
The ML4769 is a continuous conduction boost regulator designed for DC to DC conversion in multiple cell battery power systems. Continuous conduction allows the regulator to maximize output current for a given inductor. The maximum switching frequency can exceed 200kHz, allowing the use of small, low cost inductors. The ML4769 is capable of start-up with input voltages as low as 1.8V. The output voltage can be set anywhere between 3.0V and 5.5V by an external resistor divider connected to the SENSE pin.

FEATURES
■ Guaranteed full load start-up and operation at 1.8V input
■ Continuous conduction mode for high output current
■ Pulse Frequency Modulation and internal synchronous rectification for high efficiency
■ Isolates the load from the input during shutdown
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Low supply current
■ Adjustable output voltage (3V to 5.5V)




Similar Part No. - ML4769

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761CS MICRO-LINEAR-ML4761CS Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761ES MICRO-LINEAR-ML4761ES Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4761IS MICRO-LINEAR-ML4761IS Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
More results


Similar Description - ML4769

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Micro Linear Corporatio...
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
Adjustable Output, Low Current Single Cell Boost Regulator with Detect
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com