Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4775 Datasheet (PDF) - Micro Linear Corporation

ML4775 Datasheet PDF - Micro Linear Corporation
Part # ML4775
Download  ML4775 Download
File Size   177.72 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Adjustable Output Low Voltage Boost Regulator with Shutdown

ML4775 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4775 Datasheet PDF - Micro Linear Corporation

Part # ML4775
Download  ML4775 Click to download

File Size   177.72 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Adjustable Output Low Voltage Boost Regulator with Shutdown

ML4775 Datasheet (HTML) - Micro Linear Corporation


ML4775 Product details

GENERAL DESCRIPTION
The ML4775 is a boost regulator designed for DC to DC conversion in 1 to 3 cell battery powered systems. The combination of BiCMOS process technology, internal synchronous rectification, variable frequency operation, and low supply current make the ML4775 ideal for 1 cell applications. The ML4775 is capable of start-up with input voltages as low as 1V, and the output voltage can be set anywhere between 2.5V and 5.5V by an external resistor divider connected to the SENSE pin.
Unlike regulators using external Schottky diodes, the ML4775 isolates the load from the battery when the SHDN pin is high. This is accomplished by an integrated synchronous rectifier which eliminates the need for an external Schottky diode and provides a lower forward voltage drop, resulting in higher conversion efficiency. In addition, low quiescent battery current and variable frequency operation result in high efficiency even at light loads. The ML4775 requires a minimum number of external components to build a very small regulator circuit capable of achieving conversion efficiencies in excess of 90%.

FEATURES
■ Guaranteed start-up and operation at 1V input
■ Pulse Frequency Modulation and Internal Synchronous
   Rectification for high efficiency
■ Isolates the load from the input during shutdown
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Micropower operation
■ Adjustable output voltage (2.5V to 5.5V)




Similar Part No. - ML4775

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770CS MICRO-LINEAR-ML4770CS Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770ES MICRO-LINEAR-ML4770ES Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4771CS MICRO-LINEAR-ML4771CS Datasheet
190Kb / 8P
High Current Boost Regulator
More results


Similar Description - ML4775

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
Adjustable Output, Low Ripple Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
Adjustable Output, Low Current Single Cell Boost Regulator with Detect
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Detect
logo
Fairchild Semiconductor
FAN4855 FAIRCHILD-FAN4855 Datasheet
527Kb / 12P
500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com