Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet (PDF) - Micro Linear Corporation

ML4875 Datasheet PDF - Micro Linear Corporation
Part # ML4875
Download  ML4875 Download
File Size   196.24 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Low Voltage Boost Regulator with Shutdown

ML4875 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4875 Datasheet PDF - Micro Linear Corporation

Part # ML4875
Download  ML4875 Click to download

File Size   196.24 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Low Voltage Boost Regulator with Shutdown

ML4875 Datasheet (HTML) - Micro Linear Corporation


ML4875 Product details

GENERAL DESCRIPTION
The ML4875 is a boost regulator designed for DC to DC conversion in 1 to 3 cell battery powered systems. The combination of BiCMOS process technology, internal synchronous rectification, variable frequency operation, and low supply current make the ML4875 ideal for 1 cell applications. The ML4875 is capable of start-up with input voltages as low as 1V and is available in 5V, 3.3V, and 3V output versions with an output voltage accuracy of ±3%.

FEATURES
■ Guaranteed start-up and operation at 1V input
■ Pulse Frequency Modulation and Internal Synchronous Rectification for high efficiency
■ Isolates the load from the input during shutdown
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Micropower operation
■ 5V, 3.3V, and 3V output versions




Similar Part No. - ML4875

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results


Similar Description - ML4875

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Feb-2003
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com