Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4875
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4875 Datasheet HTML 2Page - Micro Linear Corporation ML4875 Datasheet HTML 3Page - Micro Linear Corporation ML4875 Datasheet HTML 4Page - Micro Linear Corporation ML4875 Datasheet HTML 5Page - Micro Linear Corporation ML4875 Datasheet HTML 6Page - Micro Linear Corporation ML4875 Datasheet HTML 7Page - Micro Linear Corporation ML4875 Datasheet HTML 8Page - Micro Linear Corporation ML4875 Datasheet HTML 9Page - Micro Linear Corporation ML4875 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ML4875
1.0
3.0
2.0
400
300
200
100
0
0
VIN (V)
ML4875-3.3
4.0
5.0
L = 27µH
L = 15µH
L = 56µH
1.0
3.0
2.0
400
300
200
100
0
0
VIN (V)
ML4875-5.0
4.0
5.0
L = 27µH
L = 15µH
L = 56µH
In the two cell application previously described, a
maximum input voltage of 3V would give a peak current
of 1.2A. When comparing various inductors, it is
important to keep in mind that suppliers use different
criteria to determine their ratings. Many use a
conservative current level, where inductance has dropped
to 90% of its normal level. In any case, it is a good idea to
try inductors of various current ratings with the ML4875 to
determine which inductor is the best choice. Check
efficiency and maximum output current, and if a current
probe is available, look at the inductor current to see if it
looks like the waveform shown in Figure 3. For additional
information, see Applications Note 29.
Suitable inductors can be purchased from the following
suppliers:
Coilcraft
(708) 639-6400
Coiltronics
(407) 241-7876
Dale
(605) 665-9301
Sumida
(708) 956-0666
tolerances. Assuming that 2V is the end of life voltage of a
two cell input, Figure 4 shows that with a 2V input, the
ML4875-5 delivers 99mA with a 27µH inductor.
Figure 5 shows efficiency under the conditions used to
create Figure 4. It can be seen that efficiency is mostly
independent of input voltage and is closely related to
inductor value. This illustrates the need to keep the
inductor value as high as possible to attain peak system
efficiency. As the inductor value goes down to 15µH, the
efficiency drops to between 70% and 75%. With 56µH,
the efficiency approaches 90% and there is little room for
improvement. At values greater than 100µH, the operation
of the synchronous rectifier becomes unreliable because
the inductor current is so small that it is difficult for the
control circuitry to detect. The data used to generate
Figures 4 and 5 is provided in Table 1.
After the appropriate inductor value is chosen, it is
necessary to find the minimum inductor current rating
required. Peak inductor current is determined from the
following formula:
I
TV
L
L PEAK
ON MAX
IN MAX
MIN
()
()
()
=
×
(3)
Figure 4. Output Current vs Input Voltage.
1.0
3.0
2.0
400
300
200
100
0
0
VIN (V)
ML4875-3.0
4.0
L = 27µH
L = 15µH
L = 56µH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com