Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4875
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4875 Datasheet HTML 2Page - Micro Linear Corporation ML4875 Datasheet HTML 3Page - Micro Linear Corporation ML4875 Datasheet HTML 4Page - Micro Linear Corporation ML4875 Datasheet HTML 5Page - Micro Linear Corporation ML4875 Datasheet HTML 6Page - Micro Linear Corporation ML4875 Datasheet HTML 7Page - Micro Linear Corporation ML4875 Datasheet HTML 8Page - Micro Linear Corporation ML4875 Datasheet HTML 9Page - Micro Linear Corporation ML4875 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ML4875
INPUT CAPACITOR
Unless the input source is a very low impedance battery,
it will be necessary to decouple the input with a capacitor
with a value of between 47µF and 100µF. This provides
the benefits of preventing input ripple from affecting the
ML4875 control circuitry, and it also improves efficiency
by reducing I-squared R losses during the charge and
discharge cycles of the inductor. Again, a low ESR
capacitor (such as tantalum) is recommended.
DRIVING THE SHDN INPUT
Unlike other boost regulators which use external Schottky
diodes, the ML4875 has the ability to isolate the load from
the battery input when the SHDN pin is high. Since there
may be no other voltage available when the regulator is in
shutdown, the SHDN input threshold is set well below the
minimum VIN voltage. SHDN can be driven directly from
an open collector device with a high value pull-up resistor
to VIN. If SHDN is driven from a TTL or CMOS output
device, a resistor divider should be used to prevent the
SHDN input high level from exceeding VIN, and to ensure
the SHDN input low level is below the 200mV threshold.
SETTING THE RESET THRESHOLD
To use the RESET comparator as an input voltage monitor,
it is necessary to use an external resistor divider tied to the
DETECT pin as shown in the block diagram. The resistor
values RA and RB can be calculated using the following
equation:
V
RR
R
IN MIN
AB
B
()
.
()
=×
+
02
(5)
The value of RB should be 100ký or less to minimize bias
current errors. RA is then found by rearranging the
equation:
RR
V
AB
IN MIN
=×
−


()
.
02
1
(6)
LAYOUT
Good PC board layout practices will ensure the proper
operation of the ML4875. Important layout considerations
include:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4875
• Use short trace lengths from the inductor to the VL pin
and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4875 ground pins,
and the input and output capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com