Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4875
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4875 Datasheet HTML 1Page - Micro Linear Corporation ML4875 Datasheet HTML 2Page - Micro Linear Corporation ML4875 Datasheet HTML 3Page - Micro Linear Corporation ML4875 Datasheet HTML 4Page - Micro Linear Corporation ML4875 Datasheet HTML 5Page - Micro Linear Corporation ML4875 Datasheet HTML 6Page - Micro Linear Corporation ML4875 Datasheet HTML 7Page - Micro Linear Corporation ML4875 Datasheet HTML 8Page - Micro Linear Corporation ML4875 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2000
ML4875
*
Low Voltage Boost Regulator with Shutdown
1
BLOCK DIAGRAM
+
PWR
GND
3
1
L1
VBAT
VIN
GND
VL
COUT
7
2
8
REGULATION
&
SHUTDOWN
CONTROL
REF
4
FROM POWER
MANAGEMENT
*RA
*RB
FEEDBACK
5
VOUT
DETECT
SHDN
6
BOOST
CONTROL
*CIN
VOUT
RESET
5V
GENERAL DESCRIPTION
The ML4875 is a boost regulator designed for DC to DC
conversion in 1 to 3 cell battery powered systems. The
combination of BiCMOS process technology, internal
synchronous rectification, variable frequency operation,
and low supply current make the ML4875 ideal for 1 cell
applications. The ML4875 is capable of start-up with input
voltages as low as 1V and is available in 5V, 3.3V, and 3V
output versions with an output voltage accuracy of ±3%.
Unlike regulators using external Schottky diodes, the
ML4875 isolates the load from the battery when the
SHDN pin is high. This is accomplished by an integrated
synchronous rectifier which eliminates the need for an
external Schottky diode and provides a lower forward
voltage drop, resulting in higher conversion efficiency. In
addition, low quiescent battery current and variable
frequency operation result in high efficiency even at light
loads. The ML4875 requires only one inductor and two
capacitors to build a very small regulator circuit capable
of achieving conversion efficiencies in excess of 90%.
The circuit contains a RESET output which goes low when
the DETECT input drops below 200mV.
*Some Packages Are End Of Life Or Obsolete
FEATURES
s
Guaranteed start-up and operation at 1V input
s
Pulse Frequency Modulation and Internal Synchronous
Rectification for high efficiency
s
Isolates the load from the input during shutdown
s
Minimum external components
s
Low ON resistance internal switching FETs
s
Micropower operation
s
5V, 3.3V, and 3V output versions
*Optional


Similar Part No. - ML4875

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4875

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Feb-2003
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com